Electronic Components Datasheet Search
  English  ▼

X  

ADXL321 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL321
Description  Small and Thin 18 g Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL321 Datasheet HTML 5Page - Analog Devices ADXL321 Datasheet HTML 6Page - Analog Devices ADXL321 Datasheet HTML 7Page - Analog Devices ADXL321 Datasheet HTML 8Page - Analog Devices ADXL321 Datasheet HTML 9Page - Analog Devices ADXL321 Datasheet HTML 10Page - Analog Devices ADXL321 Datasheet HTML 11Page - Analog Devices ADXL321 Datasheet HTML 12Page - Analog Devices ADXL321 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADXL321
Rev. 0 | Page 9 of 16
16
14
12
10
8
6
4
2
0
10
21
20
19
18
17
16
15
14
13
12
11
mV
Figure 16. X-Axis Self-Test Response at 25°C
40
35
30
25
20
15
10
5
0
420 430 440 450 460 470 480 490 500 510 520 530
CURRENT (
µA)
Figure 17. Supply Current at 25°C
16
14
12
10
8
6
4
2
0
10
21
20
19
18
17
16
15
14
13
12
11
mV
Figure 18. Y-Axis Self-Test Response at 25°C
Figure 19. Turn-On Time—CX, CY = 0.1 µF, Time Scale = 2 ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com