Electronic Components Datasheet Search
  English  ▼

X  

MB1M Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # MB1M
Description  0.5A Surface Mount Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB1M Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  MB1M Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB1M Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB1M Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Trustworthy electronic circuit protection expert
MB1M~MB10M
www.yint.com.cn
Rev:19.3
1
0.5A Surface Mount Glass Passivated Bridge Rectifier
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
High Current Capability
●
High Surge Current Capability
●
Designed for Surface Mount Application
●
Plastic Material – UL Flammability 94V-O
Mechanical Date
●
Case:MBM, Molded Plastic
●
Terminals: Plated Leads Solderable per MIL-STD-202,
Method 208
●
Polarity: As Marked on Case
●
Weight:0.22 grams (approx.)
●
Mounting Position: Any
●
Marking:Type Number
●
Lead Free: For RoHS / Lead Free Version
Major Ratings and Characteristics
IO
0 5 A 0 8A
VRRM
100 V to 1000 V
IFSM
30 A
IR
5 μA
VF
1.0V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted)
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Items
Symbol
MB
1M
MB
2M
MB
4M
MB
6M
MB
8M
MB
10M
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Rectified Output Current (1)@TA = 40°C
Average Rectified Output Current (2) @TA = 40°C
IO
0.5
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated
load(JEDEC Method)
IFSM
30
A
I2T Rating for Fusing (t < 8.3ms)
I2T
5
A2S
Thermal resistance from junction to lead(1)
RθJL
20
℃
/W
Thermal resistance from junction to ambient(1)
RθJA
70
℃
/W
Operating junction and storage temperature range
TJ, TSTG
-55…150
℃
Note 1: Mounted on glass epoxy PC board with 1.3mm2 solder pad.
Note 2: Mounted on aluminum substrate PC board with 1.3mm2 solder pad.


Similar Part No. - MB1M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB1M MCC-MB1M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB1M TAITRON-MB1M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
Shanghai Lunsure Electr...
MB1M CHENYI-MB1M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
GREATECS
MB1M GREATECS-MB1M Datasheet
298Kb / 1P
SMT Multi-Direction Switches
logo
Microdiode Semiconducto...
MB1M CHENDA-MB1M Datasheet
564Kb / 3P
0.5A Glass Passivated Bridge Rectifier
More results

Similar Description - MB1M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
B05M ZSELEC-B05M Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com