Electronic Components Datasheet Search
  English  ▼

X  

MB05S Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # MB05S
Description  VOLTAGE RANGE: 50 --- 1000 VCURRENT: 0.5A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB05S Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  MB05S Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB05S Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB05S Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE RANGE: 50 --- 1000 VCURRENT: 0.5A
Trustworthy electronic circuit protection expert
MB05S~MB10S
www.yint.com.cn
Rev:19.3
1
MB05S~MB10S
Features
●
Glass Passivated Die Construction
●
Low Forward Voltage Drop
●
High current capability
●
High Surge current Capability
●
Designed for Surface Mount Application
●
Plastic Material – UL Flammability 94V-O
Mechanical Date
●
Case: MBS Molded Plastic
●
Terminals: Plated leads Solderable per MIL-STD-202,
Method 208
●
Polarity: As Marked on Case
●
Mounting Position:Any
●
Marking:Type Number
●
Lead Free: For RoHS / Lead Free Version
Major Ratings and Characteristics
IO
0.5 A
VRRM
50 V to 1000 V
IFSM
30 A
IR
5 μA
VF
1.05V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics (TA = 25 °C unless otherwise noted)
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Items
Symbol
MB05S
MB1S
MB2S
MB4S
MB6S
MB8S
MB10S
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Arage Rectified output current1)
Arage Rectified output current2)
Io
0.5
A
Non-Repetitive peak forward surge current
8.3 ms single half sine-wave superimposed
on rated load(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing(t<8.3mS)
I2t
3.7
A2S
Thermal resistance from junction to lead1)
RθJL
20
℃
/W
Thermal resistance from junction to
ambient1)
RθJA
75
℃
/W
Operating junction and storage temperature
TJ, TSTG
–55 to +150
℃
Note 1: Mounted on glass epoxy PC board with 1.3mm2 solder pad.
Note 2: Mounted on aluminum substrate PC board with 1.3mm2 solder pad.


Similar Part No. - MB05S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB05S BILIN-MB05S Datasheet
166Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
MB05S GXELECTRONICS-MB05S Datasheet
842Kb / 2P
Glass passivated chip junctions
More results

Similar Description - MB05S

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
1N5391PT CHENMKO-1N5391PT Datasheet
75Kb / 2P
VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.5 Amperes
1N5400PT CHENMKO-1N5400PT Datasheet
78Kb / 2P
VOLTAGE RANGE 50 - 1000 Volts CURRENT 3.0 Amperes
logo
Shenzhen Ping Sheng Ele...
KBP301 PFS-KBP301 Datasheet
556Kb / 2P
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
WILLAS ELECTRONIC CORP
BR305 WILLAS-BR305 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
BR1005 WILLAS-BR1005 Datasheet
340Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes
RS201-01 WILLAS-RS201-01 Datasheet
220Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
RS401L WILLAS-RS401L Datasheet
405Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Yea Shin Technology Co....
KBPC25005 YEASHIN-KBPC25005 Datasheet
373Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
logo
Rectron Semiconductor
FR204-B RECTRON-FR204-B Datasheet
34Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
VOLTAGE RANGE 50 TO 1000 VOL TS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com