Electronic Components Datasheet Search
  English  ▼

X  

IL207 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL207
Description  SMALL OUTLINE OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL207 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL207 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL207 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL207 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel:(01429)863609 Fax:(01429)863581
SMALL OUTLINE OPTICALLY
COUPLED ISOLATOR
TRANSISTOR OUTPUT
7/12/00
Dimensions in mm
1
2
3
4
8
7
6
5
0.1Min
3.81
3.9 Max
4.9 Max
8
7
6
5
1
2
3
4
5.25
4.75
3.3 Max
0.3
Max
0.35
0.45
1.27
IL205, IL206, IL207, IL208,
IL211, IL212, IL213,
IL215, IL216, IL217
Power Dissipation
150mW
(derate linearly 2.00mW/0C above 250C)
Junction Temperature
1250C
PACKAGE
Total Power Dissipation
250mW
(derate linearly 3.3mW/0C above 250C)
DESCRIPTION
This series of optically coupled isolators consist of
a Gallium Arsenide infrared emitting diode and NPN
silicon photo transistor mounted in a standard 8 pin
SOIC package,which makes them ideally suited for
high density applications with limited space.
FEATURES
l
Standard SOIC-8 Footprint with 0.05" Lead Spacing
l
Specified min. and max. CTR at 10mA I
F
,
5V V
CE
IL205 , 40 - 80%
IL206 , 63 - 125%
IL207 , 100 - 200%
IL208 , 160 - 320%
l
Specified minimum CTR at 10mA I
F , 5V VCE
IL211 , 20%
IL212 , 50%
IL213 , 100%
l
Specified minimum CTR at 1mA I
F , 5V VCE
IL215 , 20%
IL216 , 50%
IL217 , 100%
l
Isolation Voltage , 2500 V
RMS
l
High BV
CEO (70V min)
l
All electrical parameters 100% tested
l
Available in Tape and Reel - add suffix " T& R "
l
Custom Electrical Selections available
OUTPUT TRANSISTOR
Collector-Emitter Voltage BV
CEO
70V
Emitter-Collector Voltage BV
ECO
7V
Collector -Base Voltage BV
CBO
70V
Collector Current
50mA
Collector Current
100mA
(pw
≤ 10ms , 50% duty ratio)
ABSOLUTE MAXIMUM RATINGS
( 25°C unless otherwise noted)
Storage Temperature
-550C to +1250C
Operating Temperature
-550C to +1000C
Lead Soldering Temperature
2600C
(single wave for 10 secs)
Input to Output Isolation Voltage
2500V
RMS
INPUT DIODE
Forward D.C. Current
60mA
Reverse D.C. Voltage
6V
Peak Forward Current (tp
≤ 10µs)
3A
Power Dissipation
100mW
(derate linearly 1.33mW/0C above 250C)
Junction Temperature
1250C
5.0 Max
APPLICATIONS
l
Computer Terminals
l
Industrial Systems Controllers
l
Hybrid substrates that require
high density mounting
l
Signal Transmission between systems of
different potentials and impedances
6.15
5.85
DB92440-AAS/A2
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com


Similar Part No. - IL207

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL207 SIEMENS-IL207 Datasheet
46Kb / 3P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL207AT SIEMENS-IL207AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL207AT VISHAY-IL207AT Datasheet
259Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
18-Apr-05
More results

Similar Description - IL207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
IS849X ISOCOM-IS849X Datasheet
124Kb / 2P
OPTICALLY COUPLED ISOLATOR TRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com