Electronic Components Datasheet Search
  English  ▼

X  

TLC3545ID Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3545ID
Description  5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3545ID Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC3545ID Datasheet HTML 13Page - Texas Instruments TLC3545ID Datasheet HTML 14Page - Texas Instruments TLC3545ID Datasheet HTML 15Page - Texas Instruments TLC3545ID Datasheet HTML 16Page - Texas Instruments TLC3545ID Datasheet HTML 17Page - Texas Instruments TLC3545ID Datasheet HTML 18Page - Texas Instruments TLC3545ID Datasheet HTML 19Page - Texas Instruments TLC3545ID Datasheet HTML 20Page - Texas Instruments TLC3545ID Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TLC3541, TLC3545
SLAS345 − DECEMBER 2001
17
www.ti.com
APPLICATION INFORMATION
FSX0
DR0
CLKX0
CLKR0
DSP
FS
SD0
SCLK
CS
TLC3541
VDD
GND
AIN
REF
10 k
Ω
10 k
Ω
0.1
µF
5 V
0.1
µF
REF
DSP to Single TLC3541
FSX0
DR0
CLKX0
CLKR0
DSP
CS
SD0
SCLK
TLC3545
VDD
GND
AIN(+)
REF
10 k
Ω
10 k
Ω
0.1
µF
5 V
0.1
µF
REF
DSP to Single TLC3545
AIN(−)
CS
FS
SDO
SCLK
TLC3541
#1
CS
FS
SDO
TLC3541
#2
VDD
GND
AIN
REF
10 k
Ω
10 k
Ω
0.1
µF
5 V
0.1
µF
REF
DSP to Multiple TLC3541s
VDD
GND
5 V
REF
10 k
Ω
10 k
Ω
0.1
µF
FSX0
DR0
CLKX0
CLKR0
DSP
XF0
XF1
EXT REF
INPUT
AIN
SCLK
Figure 23. Typical ADC Interface to a TMS320 DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com