Electronic Components Datasheet Search
  English  ▼

X  

PT2833 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT2833
Description  Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2833 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT2833 Datasheet HTML 1Page - Princeton Technology Corp PT2833 Datasheet HTML 2Page - Princeton Technology Corp PT2833 Datasheet HTML 3Page - Princeton Technology Corp PT2833 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT2833
V1.3
2
March 2019
APPLICATION CIRCUIT DIAGRAM
OUTPL
PVCCL
PGNDL
OUTNL
OUTPR
PVCCR
PGNDR
OUTNR
AGND
SD
SDI
DACLO
INL1
INR1
DACRO
BCKI
LRCI
INR2
INR4
INR3
RAO
LAO
INL3
INL4
INL2
GND
PVCCL
PVCCR
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
PT2833
LINE
OUT
TV TUNER
PC(VGA)
AUDIO
CVBS
AUDIO
DSP or
HDMI AUDIO
L2
R2
L3
R3
L4
R4
SDI
LRCI
BCKI
LOUT
ROUT
HOST
MCU
HOST
MCU
C1
C2
C3
C4
1u
1u
1u
1u
C8
C7
C6
C5
1u
1u
1u
1u
C10
1u
C9
1u
C11
C12
C13
820p
68n
68n
C14
C15
C16
820p
68n
68n
C17
2.2u
C18
0.47u
C19
2.2u
C20
0.47u
C20
C21
C22
C23
C24
C25
1u
2.2u
2.2u
1u
1u
0.22u
C26
C27
220u
220u
C28
0.1u
C29
10u
C30
C31
0.47u
4.7u
C32
0.47u
C33
0.1u
C34
0.1u
C35
1000u
C36
0.1u
C37
0.1u
C38
330p
C39
C40
0.1u
C41
0.1u
C42
330p
C43
C45
0.1u
C
0.1u
L4
L3
L2
L1
R1 R2 R3
47K
47K
47K
R4
8.2K
R6
8.2K
R12
22
R13
22
R8
R9
R10
R11
2K
1K
2K
1K
LC Filter Components
R_LOAD
4Ω
6Ω
8Ω
L1, L2, L3, L4
15uH
22uH
33uH
C39, C43
470nF
220nF
220nF
0.1u
C46
HPVCC=5V
SVCC=12V
R7
47K
R5
47K
MONO MODE (PBTL)
The PT2833 family can be connected in MONO. This is done by:
• Connect OUTPL and OUTNL together for the positive speaker terminal and OUTNR and OUTPR together for the
negative terminal.
PT2833
PSU
7V~15V
CHL
OUTPL
OUTNL
OUTPR
OUTNR
LC Filter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com