Electronic Components Datasheet Search
  English  ▼

X  

PA50 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA50
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA50 Datasheet(HTML) 1 Page - Cirrus Logic

  PA50 Datasheet HTML 1Page - Cirrus Logic PA50 Datasheet HTML 2Page - Cirrus Logic PA50 Datasheet HTML 3Page - Cirrus Logic PA50 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH INTERNAL DISSIPATION — 400 Watts
• HIGH CURRENT — 40A Continuous, 100A PEAK
• HIGH SLEW RATE — 50V/µs
• OPTIONAL BOOST VOLTAGE INPUTS
APPLICATIONS
• SEMI-CONDUCTOR TESTING
DESCRIPTION
The PA50 is a MOSFET power operational amplifier that
extends the performance limits of power amplifiers in slew
rate and power bandwidth, while maintaining high current and
power dissipation ratings.
Boost voltage inputs allow the small signal portion of the
amplifier to operate at a higher voltage than the high current
output stage. The amplifier is then biased to achieve close
linear swings to the supply rails at high currents for extra ef-
ficient operation.
EQUIVALENT SCHEMATIC
The JEDEC MO-127 12-pin Power Dip™ package (see
Package Outlines) is hermetically sealed and isolated from
the internal circuits. The use of compressible thermal washers
and/or improper mounting torque will void the product warranty.
Please see “General Operating Considerations”.
EXTERNAL CONNECTIONS
���
����
�
�
�
�
�
�
��
��
��
�
�
�
���
����
���
���
����
����
���
���
����
����
���
���
���
���
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
12-PIN DIP
PACKAGE STYLE CR


Similar Part No. - PA50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA50 CIRRUS-PA50 Datasheet
208Kb / 4P
Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA5001 PULSE-PA5001 Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.101NLT PULSE-PA5001.101NLT Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.102NLT PULSE-PA5001.102NLT Datasheet
929Kb / 5P
High Current Composite Inductor
PA5001.122NLT PULSE-PA5001.122NLT Datasheet
929Kb / 5P
High Current Composite Inductor
More results

Similar Description - PA50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com