Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBE Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # CD4049UBE
Description  High-Voltage Silicon-Gate CMOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4049UBE Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  CD4049UBE Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4049UBE Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4049UBE Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4049UBE Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4049U
1
HEX BUFFER/CONVERTER
High-Voltage Silicon-Gate CMOS
The
4049U is inverting hex buffers and feature logic-level
conversion using only one supply (voltage (VCC). The input-signal
high level (VIH) can exceed the VCC supply voltage when these
devices are used for logic-level conversions. These devices are
intended for use as CMOS to DTL/TTL converters.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
0.5 V min @ 5.0 V supply
1.0 V min @ 10.0 V supply
1.0 V min @ 15.0 V supply
• High-to-low level conversion
ORDERING INFORMATION
4049UB
Plastic
4049U
SOIC
TA = -55° to 125° C for all
packages
LOGIC DIAGRAM
PINS 13, 16 = NO CONNECTION
PIN 1 =VCC
PIN 8 = GND
PIN ASSIGNMENT
NC = NO CONNECTION
FUNCTION TABLE
Inputs
Output
A
Y
H
L
L
H
TIGER ELECTRONIC CO.,LTD


Similar Part No. - CD4049UBE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4049UBE TI-CD4049UBE Datasheet
77Kb / 18P
CMOS HEX BUFFERS/CONVERTERS
logo
Harris Corporation
CD4049UBE HARRIS-CD4049UBE Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UBE TI1-CD4049UBE Datasheet
1Mb / 38P
CMOS to DTL/TTL Hex Converter
CD4049UBE TI1-CD4049UBE Datasheet
1Mb / 38P
CMOS Hex Buffer/Converters
CD4049UBE TI-CD4049UBE Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
More results

Similar Description - CD4049UBE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4069BE ETC-IW4069BE Datasheet
145Kb / 4P
HEX INVERTER High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
KK4030B KODENSHI-KK4030B Datasheet
224Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4069UB KODENSHI-KK4069UB Datasheet
216Kb / 5P
Hex Inverter High-Voltage Silicon-Gate CMOS
KK4070B KODENSHI-KK4070B Datasheet
229Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4030B IKSEMICON-IW4030B Datasheet
152Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4069UB IKSEMICON-IW4069UB Datasheet
156Kb / 5P
Hex Inverter High-Voltage Silicon-Gate CMOS
IW4070B IKSEMICON-IW4070B Datasheet
166Kb / 5P
Quad Exclusive-OR Gate High-Voltage Silicon-Gate CMOS
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
Hex Buffer High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com