Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBD Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # CD4049UBD
Description  High-Voltage Silicon-Gate CMOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CD4049UBD Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  CD4049UBD Datasheet HTML 1Page - Tiger Electronic Co.,Ltd CD4049UBD Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CD4049UBD Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CD4049UBD Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VIN VCC
Guaranteed Limit
Symbol
Parameter
V
V
≥-55°C 25°C ≤125°C
Unit
tPLH
Maximum
Propagation
Delay,
Input A to Output Y (Figure 1)
5
10
10
15
15
5
10
5
15
5
120
65
90
50
90
120
65
90
50
90
240
130
180
100
180
ns
tPHL
Maximum
Propagation
Delay,
Input A to Output Y (Figure 1)
5
10
10
15
15
5
10
5
15
5
65
40
30
30
20
65
40
30
30
20
130
80
60
60
40
ns
tTLH
Maximum Output Transition Time,
Any Output (Figure 1)
5
10
15
5
10
15
160
80
60
160
80
60
320
160
120
ns
tTHL
Maximum Output Transition Time,
Any Output (Figure 1)
5
10
15
5
10
15
60
40
30
60
40
30
120
80
60
ns
CIN
Maximum Input Capacitance
-
-
22.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/6 of the Device)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com