Electronic Components Datasheet Search
  English  ▼

X  

LM7812F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM7812F
Description  3-Terminal 1.0A Positive Voltage Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM7812F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM7812F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Input Voltage
V
I
35
V
Output Voltage
V
O
12.0
V
Peak Current
I
PK
2.2
A
Operating Temperature
Range
T
OPR
0~125
oC
Storage Temperature Rang
e
T
STG
-65~150
oC
LM7812F
GENERAL DESCRIPTION
3-Terminal 1.0A Positive Voltage Regulator
The LM7812F series of three terminal positive regulators are available in the TO-220F package and with
several fixed output voltages, making them useful in a wide range of applications. Each type employs
internal current limiting, thermal shut down and safe operating area protection, making it essentially
indestructible. If adequate heat sinking is provided, they can deliver over 1.0A output current. Although
designed primarily as fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltages and currents.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Io = 500mA, Vi = 19V, Ci= 0.33uF, Co=0.1uF unless otherwise specified)
( Ta = 25 C)
O
( Ta = 25 C)
O
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
V
O
Tj = 25
℃ V
I = 15V ~ 30V
I
O = 5.0mA~1.0A
11.64
12.0
12.36
V
Line Regulation
△V
o
Tj = 25
℃, Vi=15V ~ 30V
—
—
240
mV
Tj = 25
℃,V
I = 16V ~ 22V
—
—
120
Load Regulation
△V
o
Tj = 25
℃, I
O = 5.0mA ~1.0A
—
—
240
mV
Tj = 25
℃ I
O = 250mA ~ 750mA
—
—
120
Quiescent Current
I
Q
T
J =+25
oC
—
—
8.0
mA
Quiescent Current
Change
△IQ
Io = 5.0
mA ~ 1.0A
0.5
mA
Tj = 25
℃, Vi = 15V ~ 25V
1.0
mA
Output voltage drift
△Vo/△T Io = 5.0mA
-1.0
mV/
℃
Ripple Rejection
RR
f = 120Hz, V
O = 15V to 25V
56
80
—
dB
Dropout Voltage
V
Drop
I
O = 1.0A, TJ =+25
oC
—
2.0
—
V
Output Resistance
R
O
f = 1KHz
—
0.018
—
Short Circuit Current
I
SC
V
I = 35V, TA =+25
oC
—
230
—
mA
Peak Current
I
PK
T
J =+25
oC
—
—
2.2
A
TO-220F
1 2 3
1: IN
2: GND
3: OUT
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM7812F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM7812F-85-RG30 TAITRON-LM7812F-85-RG30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
LM7812F-85-TR30 TAITRON-LM7812F-85-TR30 Datasheet
415Kb / 16P
1A Standard Positive Voltage Regulator
More results

Similar Description - LM7812F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com