Electronic Components Datasheet Search
  English  ▼

X  

SC5262-RF Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC5262-RF
Description  REMOTE CONTROL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262-RF Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC5262-RF Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC5262-RF Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
Oscillator
The oscillator frequency for the IR type of operation is twice the carrier frequency. Thus, the oscillator frequency
should be kept at 76kHz. A 430k~470k
Ω oscillator resistor between OSC1 and OSC2 pins is recommended. It
should be noted that the carrier is a 50% duty cycle frequency.
OPERATION FLOW CHART
Power ON
Stand-by
Mode
TE Enable?
TE Enable?
4 Words of
Address/Data
transmitted
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com