Electronic Components Datasheet Search
  English  ▼

X  

SC5262S-RF Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5262S-RF
Description  REMOTE CONTROL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5262S-RF Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5262S-RF Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5262S-RF Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Silan
Semiconductors
SC5262
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
BLOCK DIAGRAM
8
7
6
5
4
3
2
1
11
12
13
System
Timing
Control
Logic
Code
Generation
Address
OSC
17
14
16
15
18
9
A0
A1
A2
A3
A4
A5
A6/
D5
A7/
D4
A8/
D3
A9/
D2
A10/
D1
A11/
D0
Vss
Vcc
Dout
OSC1
OSC2
10
TE
The block diagram is for DIP-18(hereinafter is the same)
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
Vcc
-0.3 ~ 16.0
V
Input Voltage
Vi
-0.3 ~ Vcc+0.3
V
Output Voltage
Vo
-0.3 ~ Vcc+0.3
V
Maximum Power Dissipation(Vcc=12V)
Pa
300
mW
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS
(Ta=25
°C,Vcc=12V,unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply Voltage
Vcc
3
15
V
Supply Current
Icc
Vcc=12V,OSC stops
A0~ A11 Open
0.02
0.3
µA
Vcc=5V,VOH=3V
-3
mA
Dout Output driving Current
IOH
Vcc=8V,VOH=4V
-6
mA
Vcc=12V,VOH=6V
-10
mA
Vcc=5V,VOL=3V
2
mA
Dout Output sinking Current
IOL
Vcc=8V,VOL=4V
5
mA
Vcc=12V,VOL=6V
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com