Electronic Components Datasheet Search
  English  ▼

X  

SK32AF Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SK32AF
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SK32AF Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SK32AF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SK32AF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
SS32F thru SS320F
www.yint.com.cn
Rev:19.3
1
SS32F thru SS320F
FEATURES
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
For surface mounted applications
●
Low power loss,high efficiency
●
Built-in strain relief,ideal for automated placement
●
High forward surge current capability
●
High temperature soldering guaranteed:
250 C/10 seconds at terminals
Mechanical Data
●
Case: JEDEC SMAF molded plastic body
●
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight : 0.0014 ounce, 0.038 grams
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
Ratings at 25 C ambient te mperature unless otherwise speci fied. Single phase half-wave 60Hz,resistive or inductive load, for
capacitive load current derate by 20%.
SYMBOLS
SS32AF
SK32AF
SS33AF
SK33AF
SS34AF
SK34AF
SS35AF
SK35AF
SS36AF
SK36AF
SS38AF
SK38AF
SS310AF
SK310AF
SS3150AF
SK3150AF
SS320AF
SK320AF
UNITS
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
150
200
VOLTS
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
150
VOLTS
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
VOLTS
Maximum average forward rectified
current at T
L(see fig.1)
I
(AV)
3.0
Amps
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated
load (JEDEC Method)
IFSM
100.0
Amps
Maximum instantaneous forward voltage
at 3.0A
VF
0.55
0.70
0.85
0.95
Volts
Maximum DC reverse current T
A=25 C
at rated DC blocking voltage T
A=100 C
IR
0.5
0.2
mA
20
10
2.0
Typical junction capacitance (NOTE 1)
CJ
500
300
pF
Typical thermal resistance (NOTE 2)
RqJA
55.0
℃
/W
Operating junction temperature range
TJ,
-65 to +125
-65 to +150
℃
Storage temperature range
TSTG
-65 to +150
℃
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas


Similar Part No. - SK32AF

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
Low Forward Voltage
logo
SMC Diode Solutions Co....
SK32AF SMCDIODE-SK32AF Datasheet
449Kb / 4P
SK32AF THRU SK320AF SCHOTTKY RECTIFIER
Rev. B
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
For Surface Mount Applications
SK32AFL MCC-SK32AFL Datasheet
297Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK32AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com