Electronic Components Datasheet Search
  English  ▼

X  

XRD9814 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRD9814
Description  3-Channel 14/16-Bit Linear CCD/CIS Sensor Signal Processors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9814 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRD9814 Datasheet HTML 17Page - Exar Corporation XRD9814 Datasheet HTML 18Page - Exar Corporation XRD9814 Datasheet HTML 19Page - Exar Corporation XRD9814 Datasheet HTML 20Page - Exar Corporation XRD9814 Datasheet HTML 21Page - Exar Corporation XRD9814 Datasheet HTML 22Page - Exar Corporation XRD9814 Datasheet HTML 23Page - Exar Corporation XRD9814 Datasheet HTML 24Page - Exar Corporation XRD9814 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
XRD9814/9816
21
Rev. 1.00
Minimum Capacitance (CDS Line Mode)
In general, the minimum value coupling capacitance is
limited by the amount of droop which can occur before
the input voltage range of the input amplifier is ex-
ceeded. The input capacitor droop is related to the
input bias current by:
Vdroop
Ibias n T
C
=
⋅⋅
where I
bias = input bias current
n = number of pixels per line
T = pixel period
If the minimum input voltage is allowed to equal the 0V
input voltage of the XRD9814/9816, the maximum
allowable droop will be equal to the clamp level minus
the difference between the black and video levels. For
example, if Vc=4V, and the CCD video output is -2V
relative to the black level the maximum allowable
droop is equal to 2V.
Using the previous equation and assuming T=500ns,
n=3000
Note: These are the absolute minimum capacitor require-
ments. As stated for pixel-mode, a minimum value of 68pF
is recommended.
Minimum Capacitance (S/H Line Mode)
Unlike Line or Pixel CDS modes voltage droop across
a line appears as an absolute error and is the dominant
factor in determining the minimum coupling capacitor
size.
C
Ibias n T
V
min =
⋅⋅
ε
Maximum Capacitance (S/H Line Mode)
The maximum capacitance is determined by the
amount of time allowed to charge the coupling capaci-
tor. In order to minimize the charging time, the maxi-
mum capacitor can be set to the minimum value as
previously calculated. In this case the time required to
charge the capacitor is:
()
tRs
Rc
C
Vr
Vc
V
=+
⋅
⋅
−


min ln
ε
where t = clamp pulse - width (
SYNCH )
Rc = clamp resistance
Rs = signal source - resistance
Vr = input reference level
Vc = XRD9814/9816 clamp voltage
V
ε = error voltage
Cmin = coupling capacitor
Assuming that Vr=.5 Vc=0V, V
ε=12.5uV, Rc=100Ω,
Rs=500
Ω and C=1.2uF, the minimum clamp period is
equal to 1.9mS.
C
nA
ns
V
min =
⋅⋅
10
3000 500
2
= 7.5pF
where I
bias=input bias current
n=number of pixels per line
Assuming n=3000, T=500nS, I=10nA and Ve=12.5uV,
the minimum required capacitor is 1.2uF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com