Electronic Components Datasheet Search
  English  ▼

X  

FFB2227A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FFB2227A
Description  NPN & PNP General-Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FFB2227A Datasheet(HTML) 2 Page - ON Semiconductor

  FFB2227A Datasheet HTML 1Page - ON Semiconductor FFB2227A Datasheet HTML 2Page - ON Semiconductor FFB2227A Datasheet HTML 3Page - ON Semiconductor FFB2227A Datasheet HTML 4Page - ON Semiconductor FFB2227A Datasheet HTML 5Page - ON Semiconductor FFB2227A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.onsemi.com
2
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty cycle operations.
3. All voltages (V) and currents (A) are negative polarity for PNP transistors.
4. These Ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics(2)
Values are at TA = 25°C unless otherwise noted.
Note:
2. PCB board size: FR-4 76 x 114 x 0.6T mm3(3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current - Continuous
500
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 to +150
°C
Symbol
Parameter
Maximum
Units
FFB2227A
FMB2227A
PD
Total Device Dissipation
300
700
mV
Derate Above 25
°C
2.4
5.6
mV/
°C
RθJA
Thermal Resistance, Junction to Ambient
415
180
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com