Electronic Components Datasheet Search
  English  ▼

X  

FMBA06 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMBA06
Description  NPN Multi-Chip General Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBA06 Datasheet(HTML) 5 Page - ON Semiconductor

  FMBA06 Datasheet HTML 1Page - ON Semiconductor FMBA06 Datasheet HTML 2Page - ON Semiconductor FMBA06 Datasheet HTML 3Page - ON Semiconductor FMBA06 Datasheet HTML 4Page - ON Semiconductor FMBA06 Datasheet HTML 5Page - ON Semiconductor FMBA06 Datasheet HTML 6Page - ON Semiconductor FMBA06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Characteristics (continued)
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-6
Gain Bandwidth Product
vs Collector Current
1
10
20
50
100
100
150
200
250
300
350
400
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
NPN Multi-Chip General Purpose Amplifier
(continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com