Electronic Components Datasheet Search
  English  ▼

X  

FMBM5401 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FMBM5401
Description  PNP General-Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMBM5401 Datasheet(HTML) 1 Page - ON Semiconductor

  FMBM5401 Datasheet HTML 1Page - ON Semiconductor FMBM5401 Datasheet HTML 2Page - ON Semiconductor FMBM5401 Datasheet HTML 3Page - ON Semiconductor FMBM5401 Datasheet HTML 4Page - ON Semiconductor FMBM5401 Datasheet HTML 5Page - ON Semiconductor FMBM5401 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Publication Order Number:
FMBM5401/D
© 2005
Semiconductor Components Industries, LLC.
October-2017,Rev. 2
FMBM5401
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty-cycle operations.
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on a 1 in 2 pad of 2 oz copper.
Part Number
Marking
Package
Packing Method
FMBM5401
4S2
SSOT 6L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-150
V
VCBO
Collector-Base Voltage
-160
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current - Continuous
-600
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Parameter
Value
Unit
PD
Total Power Dissipation
700
mW
RθJA
Thermal Resistance, Junction-to-Ambient, Total
180
°C/W
Description
This device has matched dies in SuperSOT-6.
C1
E1
C2
B1
E2
B2
SuperSOTTM-6
Mark: .4S2
pin #1


Similar Part No. - FMBM5401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBM5401 FAIRCHILD-FMBM5401 Datasheet
94Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - FMBM5401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com