Electronic Components Datasheet Search
  English  ▼

X  

AP1604 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1604
Description  PWM/PFM Dual Mode Step-down DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1604 Datasheet(HTML) 2 Page - Anachip Corp

  AP1604 Datasheet HTML 1Page - Anachip Corp AP1604 Datasheet HTML 2Page - Anachip Corp AP1604 Datasheet HTML 3Page - Anachip Corp AP1604 Datasheet HTML 4Page - Anachip Corp AP1604 Datasheet HTML 5Page - Anachip Corp AP1604 Datasheet HTML 6Page - Anachip Corp AP1604 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1604
PWM/PFM Dual Mode Step-down DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun. 27, 2005
2/7
Ordering Information
AP1604 X X X
W: SOT23-5
SN: SON-6 (3*3*0.8mm)
Packing
A : Taping
Package
A: AP1604A
Version
Block Diagrams
Phase
Compensation
Vref with
CE
+
-
PWM/PFM
Controller
+
-
Ramp Wave
Generator,
OSC
V
OUT
CE/SS
GND
V
CC
PWM
Comparator
FB
Current Limit
Soft
Start
ERR
AMP
SV
CC
Absolute Maximum Ratings
Ta=25°C
Symbol
Parameter
Ratings
Units
VCC/SVCC
VIN Pin Voltage
-0.3 ~ 6.5
V
VOUT
VOUT Pin Voltage
-0.3 ~ VIN+0.3
V
VFB
FB Pin Voltage
-0.3 ~ VIN+0.3
V
VCE/SS
CE/SS Pin Voltage
-0.3 ~ VIN+0.3
V
Pd
Continuous Total
Power Dissipation
Internal limited
Topr
Operating Ambient
Temperature
-25 ~ +80
°C
Tstg
Storage Temperature
-40 ~ +125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com