Electronic Components Datasheet Search
  English  ▼

X  

AP1604ASNA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1604ASNA
Description  PWM/PFM Dual Mode Step-down DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1604ASNA Datasheet(HTML) 1 Page - Anachip Corp

  AP1604ASNA Datasheet HTML 1Page - Anachip Corp AP1604ASNA Datasheet HTML 2Page - Anachip Corp AP1604ASNA Datasheet HTML 3Page - Anachip Corp AP1604ASNA Datasheet HTML 4Page - Anachip Corp AP1604ASNA Datasheet HTML 5Page - Anachip Corp AP1604ASNA Datasheet HTML 6Page - Anachip Corp AP1604ASNA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1604
PWM/PFM Dual Mode Step-down DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Jun. 27, 2005
1/7
Features
- Input voltage range: 2.2V~5.5V (VOUT type)
- Oscillator frequency: 600KHz (Typ.)
- Internal reference: 1.0V (Typ.)
- High efficiency: 93% (Typ .)
- Stand-by capability: ISTB=2µA. (Typ.)
- Soft-start time set-up externally type possible
- Current limit and thermal shutdown protection
- Pb-Free Package: SOT23-5, SON-6(3
×3×0.8mm)
Applications
● Electronic Information Organizers
● Palmtops
● Cellular and portable phones
● Portable Audio Systems
● Various Multi-function Power Supplies
General Descriptions
The AP1604 series are multi-functional step-down
DC/DC converters with built-in speed, low ON
resistance drivers. It is capable to deliver more than
800mA output current with external coil, diode and
capacitor.
Output voltage is set-up by the external resistors. (±
2.5% accuracy). The 600KHz AP1604 that can
work out with small value external components
comes out more compact board.
The device switches to and works under PFM mode
with light loads. It keeps at high efficiency for both
light loads and large output current.
AP1604 can be soft-start with a proper capacitor
connected between CE/SS pin and ground. The
stand-by current is less than 2uA when CE/SS pin
is at “LOW” status. The device is forced to switch
off as the voltage at that pin is lower than the
stipulated voltage.
Pin Assignment
1
3
2
5
4
CE/SS
V
OUT
V
CC
GND
SOT23-5
FB
(Top View)
AP1604A
SON-6
1
2
3
4
5
6
GND
CE
FB
V
OUT
V
CC
SV
CC
Pin Descriptions
Pin Name
Function
VOUT
Output Voltage
VCC
Input Supply
GND
Ground
CE/SS
Chip Enable / Soft Start
FB
Feedback pin
SVCC
Signal Power for SON only


Similar Part No. - AP1604ASNA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604A DIODES-AP1604A Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1604AW DIODES-AP1604AW Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604AWG-7 DIODES-AP1604AWG-7 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604AWG-7 DIODES-AP1604AWG-7 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results

Similar Description - AP1604ASNA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
PWM/PFM Dual Mode Step-up DC/DC Converter
Rev.1.2 Mar.25, 2005
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
PWM/PFM Dual Mode Step-down DC/DC Controller
Rev.1.1 May.27, 2004
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com