Electronic Components Datasheet Search
  English  ▼

X  

608G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 608G
Description  Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

608G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  608G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 608G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 304 -
HERF1601G THRU HERF1608G
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
Voltage Range
50 to 1000 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/ 0.25” (6.35mm) from case for 10
seconds
Mounting torque: 5 in – 1bs. max.
Weight: 2.24 grams
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HERF
1601G
HERF
1602G
HERF
1603G
HERF
1604G
HERF
1605G
HERF
1606G
HERF
1607G
HERF
1608G
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current @TC =100
℃
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=125
℃
IR
10.0
400
uA
uA
Typical Reverse Recovery Time ( Note 1 )
Trr
50
80
nS
Typical Junction Capacitance
( Note 2 )
Cj
80
50
pF
Typical Thermal Resistance (Note 3)
R
θJC
1.5
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
3.
Mounted on Heatsink Size of 4 in x 6 in x 0.25 in Al-Plate..
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
.390(9.90)
.406(10.3)
.185(4.7)
.173(4.4)
.118(3.0)
.124(3.16)
.030(0.76)
.043(1.1)
.020(0.5)
.035(0.9)
.094(2.4)
.106(2.7)
.094(2.4)
.106(2.7)
.146(3.7)
.161(4.1)
.055(1.4)
.020(0.50)
PIN 1
PIN 3
Positive CT
PIN 2


Similar Part No. - 608G

ManufacturerPart #DatasheetDescription
logo
SPANSION
608G SPANSION-608G Datasheet
972Kb / 70P
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Microsemi Corporation
608G MICROSEMI-608G Datasheet
171Kb / 6P
Phase leg Intelligent Power Module
logo
California Micro Device...
608G CALMIRCO-608G Datasheet
1Mb / 12P
LCD EMI Filter Array with ESD Protection
logo
Won-Top Electronics
608G WTE-608G Datasheet
52Kb / 3P
16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
608G TSC-608G Datasheet
399Kb / 3P
16.0AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - 608G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA1601G TSC-HERA1601G Datasheet
55Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G Datasheet
83Kb / 2P
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G Datasheet
99Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT Datasheet
110Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_1 Datasheet
382Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_1 Datasheet
133Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_10 Datasheet
490Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601PT TSC-HER1601PT_10 Datasheet
684Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1601G TSC-HERA1601G_10 Datasheet
484Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com