Electronic Components Datasheet Search
  English  ▼

X  

HCM49 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # HCM49
Description  AT-CUT CRYSTAL UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

HCM49 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  HCM49 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. HCM49 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
Shunt
capacitance
30.0≦f
30.0≦f
30.0≦f
30.0≦f 0
0
0
0
<36.0
<36.0
<36.0
<36.0
R
R
R
R 1
1
1
1
200ΩMax.
200ΩMax.
200ΩMax.
200ΩMax.
150ΩMax.
150ΩMax.
150ΩMax.
150ΩMax.
100ΩMax.
100ΩMax.
100ΩMax.
100ΩMax.
80ΩMax.
80ΩMax.
80ΩMax.
80ΩMax.
140ΩMax.
140ΩMax.
140ΩMax.
140ΩMax.
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
Motional
(series)
resistance
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
Storage
Temperature
Range
TSTR
100μW
Load
capacitance
Load
capacitance
Load
capacitance
Load
capacitance
25℃±3℃
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Aging
(first
year)
Δf/f0
7.0pF
Max.
Insulation
Resistance
Insulation
Resistance
Insulation
Resistance
Insulation
Resistance
±5ppm
Max.
C0
DL
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Δf/f0
below
6.0MHz:±50ppm
above
6.0MHz:±30ppm
-10℃~+60℃
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd
Overtone
3rd
Overtone
3rd
Overtone
3rd
Overtone
3rd
Overtone
3rd
Overtone
3rd
Overtone
3rd
Overtone
10.0≦f
10.0≦f
10.0≦f
10.0≦f 0
0
0
0
<14.0
<14.0
<14.0
<14.0
14.0≦f
14.0≦f
14.0≦f
14.0≦f 0
0
0
0
<30.0
<30.0
<30.0
<30.0
-55℃
~
+125℃
at
25˚C
500MΩMin.
DC100V±15V
R1
Refer
to
the
following
table
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
Operating
Temperature
Range
TOPR
-40℃
~
+85℃
CL
Fundamental:10.0pF
~
∞
3rd
Overtone:5.0pF
~
∞
Please
specify
your
requirement
AT-CUT CRYSTAL UNIT (SMD
・
Metal-can Type)
RoHS compliant
1,000pcs/reel
■
FEATURES
●
Frequency
range
:
3.5
~
50.0MHz
●
External
dimensions
(mm)
 
L
:
12.8
x
W
:
4.9
x
H
:
4.3
●
Applications
  Consumer
products
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Δf/f0
■
DIMENSION [mm]
■
SOLDER PAD LAYOUT [mm]
■
STANDARD SPECIFICATIONS
Model
HCM49
Conditions
Item
HCM49
±30ppm
at
25˚C
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
Nominal
Frequency
f0
3.5MHz
~
30.0MHz
(Fundamental)
30.0MHz
~
50.0MHz
(3rd
Overtone)
Please
contact
us
for
frequencies
available
100ΩMax.
100ΩMax.
100ΩMax.
100ΩMax.
■
MOTIONAL (SERIES) RESISTANCE (R1)
Freq.
Range
Freq.
Range
Freq.
Range
Freq.
Range
(MHz)
(MHz)
(MHz)
(MHz)
3.5≦f
3.5≦f
3.5≦f
3.5≦f 0
0
0
0
<4.0
<4.0
<4.0
<4.0
4.0≦f
4.0≦f
4.0≦f
4.0≦f 0
0
0
0
<6.0
<6.0
<6.0
<6.0
6.0≦f
6.0≦f
6.0≦f
6.0≦f 0
0
0
0
<10.0
<10.0
<10.0
<10.0
36.0≦f
36.0≦f
36.0≦f
36.0≦f 0
0
0
0
≦50.0
≦50.0
≦50.0
≦50.0
Mode
Mode
Mode
Mode
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
50ΩMax.
50ΩMax.
50ΩMax.
50ΩMax.
Level
of
drive
Level
of
drive
Level
of
drive
Level
of
drive
IR
http://cfd.citizen.co.jp/english/prod-tech/product/cvo_top.html


Similar Part No. - HCM49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
AT-CUT CRYSTAL UNIT
HCM49S ETC1-HCM49S Datasheet
24Kb / 1P
SMD CRYSTAL UNIT
More results

Similar Description - HCM49

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US ETC-HC49US Datasheet
818Kb / 1P
AT-CUT CRYSTAL UNIT
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
AT-CUT CRYSTAL UNIT
logo
RSG Electronic Componen...
CM309S RSG-CM309S Datasheet
214Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS204.000MABJ-UT CITIZEN-CS204.000MABJ-UT Datasheet
812Kb / 1P
AT-CUT CRYSTAL UNIT
CM309E CITIZEN-CM309E Datasheet
389Kb / 2P
AT-CUT CRYSTAL UNIT
CM309S CITIZEN-CM309S Datasheet
862Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
AT-CUT CRYSTAL UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com