Electronic Components Datasheet Search
  English  ▼

X  

TG25F Datasheet(PDF) 1 Page - SanRex Corporation

Part # TG25F
Description  TRIAC竊뉹SOLATED TYPE竊
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

TG25F Datasheet(HTML) 1 Page - SanRex Corporation

  TG25F Datasheet HTML 1Page - SanRex Corporation TG25F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
TG25F
TRIAC
(ISOLATED TYPE)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
TG25F40
Ratings
TG25F60
Unit
VDRM
Repetitive Peak Off-State Voltage
400
600
V
Symbol
Item
Conditions
Ratings
25
Unit
IT(RMS)
R.M.S. On-State Current
ITSM
Surge On-State Current
Tc
=80℃
One cycle, 50Hz/60Hz, peak, non-repetitive
I2t
I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IGM
Peak Gate Current
VGM
Peak Gate Voltage
Value for one cycle of surge current
A
270/300
A
360
10
A2S
W
1
di/dt
Critical Rate of Rise of On-State Current
IG
=100mA,
Tj
=25℃,
VD
=1/2VDRM,
dIG/dt
=1A/μs
Tj
Operating Junction Temperature
Tstg
Storage Temperature
VISO
Isolation Breakdown Voltage
(R.M.S.)
Mounting Torque
(M4)
Mass
A.C.1 minute
Recommended Value 1.0-1.4
(10-14)
Typical value
(Excluding bolt, nut and wrapping material)
3
W
A
10
V
50
A/
μs
−25 to +125
℃
−40 to +125
℃
2500
1.5
(15)
27
V
N
・m
(kgf・B)
g
Symbol
Item
Conditions
Ratings
3
1.35
50
50
−
50
Unit
IDRM
Reptitive Peak Off-State Current, max
VTM
Peak On-State Voltage, max
VD=VDRM, Single phase, half wave, Tj
=125℃
On-State Current
〔√2×IT(RMS)〕,Inst. measurement
I +
GT1
1
2
3
4
Gate Trigger Current, max
I −
GT1
I +
GT3
I −
GT3
VGD
Non-Trigger Gate Voltage, min
dv/dt
Critical Rate of Rise on-State
Voltage,min.
Tj
=25℃,IT=1A,VD=6V
Tj
=25℃,IT=1A,VD=6V
mA
V
mA
Tj
=25℃,IT=1A,VD=6V
2.5
2.5
−
2.5
0.2
100
10
30
1.5
V +
GT1
1
2
3
4
Gate Trigger Voltage, max
V −
GT1
V +
GT3
V −
GT3
Tj
=25℃,IT=1A,VD=6V
Tj
=25℃,IT=1A,VD=6V
V
Tj
=25℃,IT=1A,VD=6V
Tj
=125℃,VD=1/2VDRM
Tj
=125℃,VD=2/3VDRM,Exoponential wave.
〔dv/dt〕c
Critical Rate of Rise off-State
Voltage at commutation, min
IH
Holding Current, typ.
Rth
(j-c) Thermal Impedance, max
Tj
=125℃,VD=2/3VDRM,
〔di/dt〕c=15A/ms
Tj
=25℃
Junction to case
V
tgt
Turn On Time, max.
10
IT(RMS)
,IG=100mA,VD=1/2VDRM,Tj=25℃,dIG/dt=1A/μs
V
V/
μs
V/
μs
mA
℃/W
■Electrical Characteristics
UL;E76102
(M)
T1
G
T2
Unit
:A
TG25F are isolated molded triacs
suitable for wide range of applications like
copier, microwave oven, solid state switch,
motor control, light control and heater
control.
●
IT(AV) 25A
●
High surge capability 300A
●
Isolated Nounting
(AC2500V)
●
Tab Terminals
39.2 MAX
20.1 MAX
21.6 MAX
20.2 MAX
30.0±0.1
φ1.3 (G)
5-φ1.3±0.2
13.9
3.0±0.3
T'
T
(T2)
(T1)
(G)
2-φ4.2±0.1
φ2.0 (T1.T2)
+
-
0.2
0.0
T1:TAB250(T=6.35, T'=8.25, t=0.8)
T2:TAB250(T=6.35, T'=8.25, t=0.8)
G:TAB187(T=4.75, T'=5.7, t=0.8)
7TG-F


Similar Part No. - TG25F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG25F20 ETC-TG25F20 Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
TG25F30 ETC-TG25F30 Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
TG25F40 ETC-TG25F40 Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
TG25F50 ETC-TG25F50 Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
TG25F60 ETC-TG25F60 Datasheet
663Kb / 6P
ISOLATED TRIAC MOLD TYPE
More results

Similar Description - TG25F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
TRIAC竊뉹SOLATED TYPE竊
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
logo
SanRex Corporation
SG25AA SANREX-SG25AA Datasheet
115Kb / 2P
THYRISTOR MODULE竊뉹SOLATED MOLD TYPE竊
TG25C SANREX-TG25C Datasheet
137Kb / 2P
TRIAC竊뉹SOLATED TYPE竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com