Electronic Components Datasheet Search
  English  ▼

X  

ATLV7 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATLV7
Description  ATLV Series Ultra Low Voltage Gate Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATLV7 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATLV7 Datasheet HTML 1Page - ATMEL Corporation ATLV7 Datasheet HTML 2Page - ATMEL Corporation ATLV7 Datasheet HTML 3Page - ATMEL Corporation ATLV7 Datasheet HTML 4Page - ATMEL Corporation ATLV7 Datasheet HTML 5Page - ATMEL Corporation ATLV7 Datasheet HTML 6Page - ATMEL Corporation ATLV7 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATLV
2
ATLV Design
Design Systems Supported
Atmel supports the major CAE/CAD software systems
with complete macro cell libraries (symbols, timing and
function), as well as utilities for checking the netlist and
accurate pre-route delay simulations. Atmel uses Cadence’s
Verilog-XL as our golden simulator.
Design systems
which are supported include Cadence, Viewlogic, Mentor,
and Synopsys.
Design Flow
While Atmel provides four options for implementing a gate
array design, they all have the same basic flow. Data base
acceptance is the first milestone. This is when Atmel
receives and accepts the complete design data base.
Preliminary design review is where the performance of the
design is set based on the Cadence simulation. Final design
review is the last review of the design before making masks.
The back annotation data is incorporated into the simulations.
After final design review masks are released and prototypes
in ceramic packages are delivered.
Design Options
Schematic Capture
Schematic capture and simulation are performed by the
customer using an Atmel supplied macro cell library. The
customer can also receive complete back annotation delay
data for post-route simulation.
VHDL/Verilog-HDL
Atmel can accept Register Transfer level (RTL) designs for
VHDL (MIL-STD-454, IEEE STD 1076) or Verilog-HDL
format. Atmel fully supports Synopsys for VHDL simula-
tion as well as synthesis. Design via VHDL or Verilog-
HDL is the preferred method of performing a gate array
design.
ASIC Design Translation
Atmel has successfully translated dozens of existing de-
signs from most major ASIC vendors (LSI Logic, Oki,
NEC, Fujitsu and others) into our gate arrays.
These
designs have been optimized for speed, gate count, modi-
fied to add logic or memory, or replicated for a pin-for-pin
compatible, drop-in replacement.
ATLV Gate Array Design Flow
Atmel Cell
Library
Gate Array
Design
Translation
Design
Synthesis
-VHDL
-Verilog-HDL
FPGA/EPLD
Conversions
Customer
Atmel
Final Design Review
Prototype Delivery
Atmel
Atmel
Simulation
and Verification
Atmel
Customer
Customer
Atmel
Atmel
Preliminary Design Review
Physical Design, Simulation
and Verification
Atmel
Data Base Acceptance
Customer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com