Electronic Components Datasheet Search
  English  ▼

X  

2SB647 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SB647
Description  Silicon PNP Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB647 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SB647 Datasheet HTML 1Page - Renesas Technology Corp 2SB647 Datasheet HTML 2Page - Renesas Technology Corp 2SB647 Datasheet HTML 3Page - Renesas Technology Corp 2SB647 Datasheet HTML 4Page - Renesas Technology Corp 2SB647 Datasheet HTML 5Page - Renesas Technology Corp 2SB647 Datasheet HTML 6Page - Renesas Technology Corp 2SB647 Datasheet HTML 7Page - Renesas Technology Corp 2SB647 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SB647, 2SB647A
4
Saturation Voltage
vs. Collector Current
Collector Current IC (mA)
IC = 10 IB
Pulse
Ta = –25
°C
75
25
25
–25
Ta = 75
°C
VCE(sat)
VBE(sat)
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0
–1
–3
–10
–30
–100 –300 –1,000
Gain Bandwidth Product
vs. Collector Current
VCE = –5 V
240
200
160
120
80
40
0
–10
–30
–100
–300
–1,000
Collector Current IC (mA)
Collector Output Capacitance vs.
Collector to Base Voltage
–1
200
100
50
20
10
5
2
–2
–5
–10
Collector to Base Voltage VCB (V)
–50
–20
–100
f = 1 MHz
IE = 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com