Electronic Components Datasheet Search
  English  ▼

X  

1790784 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1790784
Description  Connector - PV-CF-S 6-16 ()
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790784 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1790784 Datasheet HTML 1Page - PHOENIX CONTACT 1790784 Datasheet HTML 2Page - PHOENIX CONTACT 1790784 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1790784
03/19/2019   Page 1 / 3
Connector - PV-CF-S 6-16 (+) - 1790784
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Connector, Housing material: PPE, color: black, number of positions: 0, Min. wire
cross section: 6 mm², Max. conductor cross section: 16 mm², Rated current: 40 A, Connection method:
Spring-cage, Type of contact: Socket. can only be released using a tool
Key Commercial Data
Packing unit
25 pc
GTIN
GTIN
4046356607421
Technical data
Dimensions
External cable diameter
5.5 mm ... 10 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Socket
Tightening torque nut
3 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N
Pull-out force of cable >= disconnect force
> 500 N
Rated voltage
1500 V
Rated current (6.0 mm²)
40 A
Rated current (10 mm²)
50 A
Rated current (16 mm²)
65 A
Nominal cross section
16 mm²
Protection class
II


Similar Part No. - 1790784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790781 PHOENIX-1790781 Datasheet
424Kb / 9P
VAL-US-SPP-277/65/40-R - Surge protection device
1790782 PHOENIX-1790782 Datasheet
332Kb / 8P
VAL-US-SPP-400/40-P - Type 2 surge protection plug
1790783 PHOENIX-1790783 Datasheet
414Kb / 9P
VAL-US-SPP-400/40/30-R - Surge protection device
1790785 PHOENIX-1790785 Datasheet
429Kb / 10P
VAL-US-SPP-400/40/31-R - Surge protection device
1790786 PHOENIX-1790786 Datasheet
414Kb / 9P
VAL-US-SPP-240D/65/20-R - Surge protection device
More results

Similar Description - 1790784

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1774674 PHOENIX-1774674 Datasheet
73Kb / 4P
Plug-in connector - PV-CF-S 2,5-6 ()
1790797 PHOENIX-1790797 Datasheet
69Kb / 3P
Connector - PV-CM-S 6-16 (-)
1795323 PHOENIX-1795323 Datasheet
60Kb / 2P
Connector - PV-CF-P 2,5()
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1284632 PHOENIX-1284632 Datasheet
257Kb / 10P
Connector - PV-C4M-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
Photovoltaic connector - PV-CF-C-HSG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com