Electronic Components Datasheet Search
  English  ▼

X  

1790797 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1790797
Description  Connector - PV-CM-S 6-16 (-)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1790797 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1790797 Datasheet HTML 1Page - PHOENIX CONTACT 1790797 Datasheet HTML 2Page - PHOENIX CONTACT 1790797 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1790797
03/19/2019   Page 1 / 3
Connector - PV-CM-S 6-16 (-) - 1790797
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Photovoltaic connector, Connector, Housing material: PPE, color: black, number of positions: 0, Min. wire
cross section: 6 mm², Max. conductor cross section: 16 mm², Rated current: 40 A, Connection method:
Spring-cage, Type of contact: Pin. can only be released using a tool
Key Commercial Data
Packing unit
25 pc
GTIN
GTIN
4046356607438
Technical data
Dimensions
External cable diameter
5.5 mm ... 10 mm
Ambient conditions
Degree of protection (when plugged in)
IP66 / IP68 (2 m / 24 h)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-25 °C ... 50 °C
General
Design
Pin
Tightening torque nut
3 Nm ±0.1 Nm
Insertion force
45 N ±10 N
Disconnect force
250 N ±50 N
Pull-out force of cable >= disconnect force
> 500 N
Rated voltage
1500 V
Rated current (6.0 mm²)
40 A
Rated current (10 mm²)
50 A
Rated current (16 mm²)
65 A
Nominal cross section
16 mm²
Protection class
II


Similar Part No. - 1790797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1790790 PHOENIX-1790790 Datasheet
415Kb / 9P
VAL-US-SPP-480D/40/30-R - Surge protection device
1790792 PHOENIX-1790792 Datasheet
333Kb / 8P
VAL-US-SPP-600D/40-P - Type 2 surge protection plug
1790793 PHOENIX-1790793 Datasheet
414Kb / 9P
VAL-US-SPP-600D/40/30-R - Surge protection device
1790794 PHOENIX-1790794 Datasheet
426Kb / 9P
VAL-US-SPP-240HLD/65/31-R - Surge protection device
1790795 PHOENIX-1790795 Datasheet
429Kb / 10P
VAL-US-SPP-480HLD/40/31-R - Surge protection device
More results

Similar Description - 1790797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020775 PHOENIX-1020775 Datasheet
71Kb / 3P
Connector - PV-C4M-S 2,5-6
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1774687 PHOENIX-1774687 Datasheet
76Kb / 4P
Plug-in connector - PV-CM-S 2,5-6 (-)
1790784 PHOENIX-1790784 Datasheet
68Kb / 3P
Connector - PV-CF-S 6-16 ()
1795336 PHOENIX-1795336 Datasheet
60Kb / 2P
Connector - PV-CM-P 2,5(-)
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1284632 PHOENIX-1284632 Datasheet
257Kb / 10P
Connector - PV-C4M-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com