Electronic Components Datasheet Search
  English  ▼

X  

PT4304 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT4304
Description  Fully Integrated OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4304 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT4304 Datasheet HTML 1Page - Princeton Technology Corp PT4304 Datasheet HTML 2Page - Princeton Technology Corp PT4304 Datasheet HTML 3Page - Princeton Technology Corp PT4304 Datasheet HTML 4Page - Princeton Technology Corp PT4304 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PT4304
V1.1
4
January 2014
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT4304-X
16 Pins, SSOP, 150 mil
PT4304-X
PIN CONFIGURATION
SELB
REFOSC
VLO
FDIV
CTH
CE
SELA
DO
VSSLO
VSSRF
VBB
ANT
VDD5
VRF
VSSBB
PT4302-X
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PT4304-X
AGCDIS
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
VSSLO
G
Ground for LO sub-system
2
VSSRF
G
Ground for RF front-end
3
ANT
I
RF input connected to antenna via a matching network
4
VRF
P
Supply voltage for RF front-end
5
VBB
P
Supply voltage for baseband chain
6
AGCDIS
I
AGC control pin (tie LOW to enable AGC)
7
FDIV
I
RF frequency band select
8
VDD5
P
5 V regulator input
9
VSSBB
G
Ground for baseband chain
10
SELB
I
Data filter bandwidth select (pin B)
11
SELA
I
Data filter bandwidth select (pin A)
12
CE
I
Chip enable (tie HIGH to enable the chip)
13
DO
O
Data output
14
CTH
I/O
Connection for data slicing threshold capacitor
15
VLO
P
Supply voltage for LO sub-system
16
REFOSC
I
Reference oscillator input



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com