Electronic Components Datasheet Search
  English  ▼

X  

PT4307 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT4307
Description  Compact 315 MHz OOK/ASK Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4307 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT4307 Datasheet HTML 1Page - Princeton Technology Corp PT4307 Datasheet HTML 2Page - Princeton Technology Corp PT4307 Datasheet HTML 3Page - Princeton Technology Corp PT4307 Datasheet HTML 4Page - Princeton Technology Corp PT4307 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PT4307
V1.0
3
June 2016
315 MHZ APPLICATION EXAMPLE
VSS
1
2
ANT
3
4
VDD5
EN
5
DO
6
CTH
7
XIN
8
9.882 MHz
1.5 pF
68 nH
470 nF
U1
100 nF
Etched
Inductor
on PCB
VREG
VDD5
PTC
PT4307-S
VDD5
5.1 M
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com