Electronic Components Datasheet Search
  English  ▼

X  

HAS4009 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HAS4009
Description  Hall closed loop current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HAS4009 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HAS4009 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall closed loop current sensor
Model:HAS4009
Closed loop,basbar built-in, PCB welding type;
Detect DC,AC and pulse current.
Technical indicators:
Flame resistance:UL94-V0
Working temperature:-25~+70℃
Storage temperature:-40~+85℃
Bandwidth:DC~150kHz
Dielectric strength:3.5KV 50Hz 1min
Electrical parameters:
Dimensions( in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Rated input
Input measured range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero offsetTA=25℃
Response time
Weight
I
P
I
PM
V
OUT
X
ε
L
V
C
I
C
R
L
V
OE
T
R
N.W
±50
±75
2.5±0.625
0.5
<
0.1
+5
±15
≥10K
≤±15
<
1
26.5
A
A
V
%
%
V
mA +Im
Ω
mV
μs
g
Connection Diagram:
Pins definition
1:0V
2:Vref
3:+5V
4:Vout
GND
+5V
2
3
1
4
V
Vref
Front view
Side view
10±0.5
16±0.5
current direction
φ9
2
3
φ0.8
32.5±0.5
28±0.5
1
2


Similar Part No. - HAS4009

ManufacturerPart #DatasheetDescription
logo
LEM
HAS400-P LEM-HAS400-P Datasheet
132Kb / 2P
Current Transducers HAS 50~600-P
HAS400-P LEM-HAS400-P Datasheet
808Kb / 2P
Current Transducers
HAS400-P LEM-HAS400-P Datasheet
225Kb / 3P
Current Transducer
HAS400-S LEM-HAS400-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HAS400-S LEM-HAS400-S Datasheet
723Kb / 2P
Current Transducer
More results

Similar Description - HAS4009

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HA25 YHDC-HA25 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA55 YHDC-HA55 Datasheet
5Mb / 1P
Hall closed loop current sensor
HA2009 YHDC-HA2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
HA2020 YHDC-HA2020 Datasheet
8Mb / 1P
Hall closed loop current sensor
HA2045-D300D12A100 YHDC-HA2045-D300D12A100 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA2072-D1000D15A200 YHDC-HA2072-D1000D15A200 Datasheet
7Mb / 3P
Hall closed loop current sensor
HA4009 YHDC-HA4009 Datasheet
4Mb / 1P
Hall closed loop current sensor
HAB55 YHDC-HAB55 Datasheet
3Mb / 1P
Hall closed loop current sensor
HAS14Z YHDC-HAS14Z Datasheet
4Mb / 1P
Hall closed loop current sensor
HAS2009 YHDC-HAS2009 Datasheet
3Mb / 1P
Hall closed loop current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com