Electronic Components Datasheet Search
  English  ▼

X  

RS5ABF Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # RS5ABF
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

RS5ABF Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  RS5ABF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd RS5ABF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd RS5ABF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Fast Recovery Rectifiers
Trustworthy electronic circuit protection expert
RS5ABF THRU RS5MBF
www.yint.com.cn
3
Rev:19.3
Package Outline
Plastic surface mounted package; 2 leads
SMBF
UNIT
A
C
D
E
e
HE
g
∠
mm
max
1.3
0.26
4.4
3.7
2.2
5.5
1.0
9°
min
1.1
0.18
4.2
3.5
1.9
5.1
mil
max
51
10
173
146
86
216
40
min
43
7
165
138
75
200
The recommended mounting pad size



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com