Electronic Components Datasheet Search
  English  ▼

X  

P0220L Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # P0220L
Description  Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

P0220L Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  P0220L Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd P0220L Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd P0220L Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd P0220L Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thyristor Surge Suppressors (TSS)
Trustworthy electronic circuit protection expert
INT PXXXL DO-15/DO-27 SERIE
www.yint.com.cn
Rev:19.3
1
Thyristor Surge Suppressors - DO-15/DO-27
Description
PxxxxL DO-15/DO-27 series thyristors are a type of
semi—conduct component. They are designed to
protect
baseband
equipment
from
damaging
overvoltage transients. such as modems, telephones,
line cards, answering machines, FAX machines,
T1/E1, xDSL and more.
Features
●Excellent capability of absorbing transient surge
●Quick response to surge voltage (ns Level)
●Eliminates overvoltage caused by fast rising
transients
●Moisture sensitivity level: Level 1
●Fails short circuit when surged in excess of ratings
●Non degenerative
Device Symbol
Typical Applications
Parameter
Definition
VDRM
Peak Off-state Voltage – maximum voltage that can be applied while maintaining off state
VS
Switching Voltage – maximum voltage prior to switching to on state
VT
On-state Voltage – maximum voltage measured at rated on-state current
IDRM
Leakage Current – maximum peak off-state current measured at VDRM
IS
Switching Current – maximum current required to switch to on state
IT
On-state Current – maximum rated continuous on-state current
IH
Holding Current – minimum current required to maintain on state
CO
Off-state Capacitance – typical capacitance measured in off state
IPP
Peak Pulse Current – maximum rated peak impulse current
Thermal Consideration
Parameter
Symbol
Value
Unit
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
TSTG
-40 to +150
°C
Junction to free air thermal resistance
RΘJA
90
W/°C


Similar Part No. - P0220L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P022001 TRIPPLITE-P022001 Datasheet
469Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 1-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P022015 TRIPPLITE-P022015 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 15-ft
P022025 TRIPPLITE-P022025 Datasheet
487Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R), 25-ft
logo
JIEJIE MICROELECTRONICS...
P0220A JIEJIE-P0220A Datasheet
201Kb / 4P
Excellent capability of absorbing transient surge
More results

Similar Description - P0220L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
P0080TB KEXIN-P0080TB Datasheet
1Mb / 3P
Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com