Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7860 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Optically Isolated Sigma-Delta Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Electrical Specifications (Tested with HCPL-0872 or Sinc3 Filter)
Unless otherwise noted, all specifications are at VIN+ = -200 mV to +200 mV and VIN- = 0 V; all Typical specifications are
at TA = 25°C and VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following ranges: TA = -
40°C to +85°C, VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS (Digital Interface IC HCPL-0872 is set to Conversion Mode 3.)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Signal-to-Noise Ratio
SNR
62
73
dB
VIN+ = 35 Hz,
400 mVpk-pk
(141 mVrms)
sine wave.
9,10
Total Harmonic Distortion
THD
-67
dB
Signal-to-(Noise + Distortion)
SND
66
dB
Effective Number of Bits
ENOB
10
12
bits
11
12
Conversion Time
tC2
0.2
0.8
µs
Pre-Trigger Mode 2
1,12
13
tC1
19
23
µs
Pre-Trigger Mode 1
1,12
13
tC0
39
47
µs
Pre-Trigger Mode 0
1,12
Signal Delay
tDSIG
19
23
µs
13
14
Over-Range Detect Time
tOVR1
2.0
3.0
4.2
µs
VIN+ = 0 to 400mV
step waveform
14
15
Threshold Detect Time
(default configuration)
tTHR1
10
µs
16
Signal Bandwidth
BW
18
22
kHz
15
17
Isolation Transient Immunity
CMR
15
20
kV/µs
VISO = 1 kV
18
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Resolution
15
bits
7
Integral Nonlinearity
INL
3
30
LSB
5
8
0.01
0.14
%
6
8
Differential Nonlinearity
DNL
1
LSB
9
Uncalibrated Input Offset
VOS
-3
0
3
mV
VIN+ = 0 V
7
Offset Drift vs. Temperature
dVOS/dTA
210
µV/°C
VIN+ = 0 V
7
10
Offset drift vs. VDD1
dVOS/dVDD1
0.12
mV/V
VIN+ = 0 V
7
Internal Reference Voltage
VREF
320
mV
8
Absolute Reference Voltage
Tolerance
-4
4
%
8
Reference Voltage
Matching
HCPL-7860
-1
1
%
TA = 25°C.
See Note 11
8
HCPL-786J
-2
2
%
VREF Drift vs. Temperature
dVREF/dTA
60
ppm/°C.
8
VREF Drift vs. VDD1
dVREF/dVDD1
0.2
%
8
Full Scale Input Range
-VREF
+VREF
mV
Recommended Input Voltage Range
-200
+200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com