Electronic Components Datasheet Search
  English  ▼

X  

MBI1804 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI1804
Description  ALL-WAYS-ON HIGH-POWER LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI1804 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI1804 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI1804 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MBI1804
All-Ways-On
TM High-Power LED Driver
November 2004, V1.00.
- 7 -
Adjusting Output Current
The output current of each channel (IOUT) is set by an external resistor, Rext. The relationship between IOUT and Rext
is shown in the following figure.
Relationship between IOUT and Rext
0.00
50.00
100.00
150.00
200.00
250.00
300.00
350.00
400.00
0
500
1000
1500
2000
Rext (
Ω)
Also, the output current can be calculated from the equation:
VR-EXT = 1.26V;IOUT = (VR-EXT / Rext ) x 60= (1.26V / Rext ) x 60
where Rext is the resistance of the external resistor connected to R-EXT terminal and VR-EXT is the voltage of R-EXT
terminal. The magnitude of current (as a function of Rext) is around 210 mA at 360Ω and 105 mA at 720Ω.
VDS = 1.0V
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com