Electronic Components Datasheet Search
  English  ▼

X  

2271471 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2271471
Description  Retaining bracket - SIM-ERSN-HB-MR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2271471 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2271471 Datasheet HTML 1Page - PHOENIX CONTACT 2271471 Datasheet HTML 2Page - PHOENIX CONTACT 2271471 Datasheet HTML 3Page - PHOENIX CONTACT 2271471 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2271471
08/28/2014   Page 1 / 4
Retaining bracket - SIM-ERSN-HB-MR - 2271471
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Retainer, for miniature relay
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
2.14 GRM
Custom tariff number
39269097
Country of origin
Germany
Technical data
Dimensions
Hole diameter
1.3 mm
Pitch
5 mm
General
Nominal current IN
2-pos.
Classifications
eCl@ss
eCl@ss 4.0
27371190
eCl@ss 4.1
27371190
eCl@ss 5.0
27371692
eCl@ss 5.1
27371692
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001


Similar Part No. - 2271471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2271468 PHOENIX-2271468 Datasheet
126Kb / 4P
Retaining bracket - SIM-ERSN-HB-KSR
logo
Tyco Electronics
227148-1 MACOM-227148-1 Datasheet
67Kb / 1P
PLUG WEATERPROOF SERIES HN
logo
PHOENIX CONTACT
2271484 PHOENIX-2271484 Datasheet
129Kb / 4P
Single relay - SIM-ERSN
2271497 PHOENIX-2271497 Datasheet
126Kb / 4P
Retaining bracket - SIM-ERSN-HB-KSR/MET
More results

Similar Description - 2271471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2271468 PHOENIX-2271468 Datasheet
126Kb / 4P
Retaining bracket - SIM-ERSN-HB-KSR
2271484 PHOENIX-2271484 Datasheet
129Kb / 4P
Single relay - SIM-ERSN
2271497 PHOENIX-2271497 Datasheet
126Kb / 4P
Retaining bracket - SIM-ERSN-HB-KSR/MET
2271510 PHOENIX-2271510 Datasheet
127Kb / 4P
Retaining bracket - SIM-ERSN-HB-MR/MET
2900953 PHOENIX-2900953 Datasheet
43Kb / 2P
Retaining bracket - RIF-RH-1
2900954 PHOENIX-2900954 Datasheet
44Kb / 2P
Retaining bracket - RIF-RH-2
2900956 PHOENIX-2900956 Datasheet
64Kb / 2P
Retaining bracket - RIF-RH-4
2905984 PHOENIX-2905984 Datasheet
40Kb / 1P
Retaining bracket - RIF-RHM-2
2905986 PHOENIX-2905986 Datasheet
41Kb / 1P
Retaining bracket - RIF-RHM-1
logo
Festo Corporation.
8127358 FESTO-8127358 Datasheet
62Kb / 1P
Retaining bracket
7/21/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com