Electronic Components Datasheet Search
  English  ▼

X  

2297167 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2297167
Description  Solid-state contactor - ELR 1-230AC/600AC-30
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2297167 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2297167 Datasheet HTML 1Page - PHOENIX CONTACT 2297167 Datasheet HTML 2Page - PHOENIX CONTACT 2297167 Datasheet HTML 3Page - PHOENIX CONTACT 2297167 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2297167
03/19/2019   Page 1 / 4
Solid-state contactor - ELR 1-230AC/600AC-30 - 2297167
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Single-phase solid-state contactor, input voltage: 230 V AC, output current: 30 A, zero voltage switch
Your advantages
 High switching frequency
 Wear and bounce-free
 24 V DC and 230 V AC input voltage versions
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356131995
Technical data
Input data
Input name
Control input
Rated actuating voltage UC
230 V AC
Triggering voltage range
24 V AC ... 275 V AC
Rated actuating current IC
approx. 17 mA
Switching threshold
≤ 6 V AC (“0” signal)
≥ 22 V AC (“1” signal)
Transmission frequency
6 Hz
Operating voltage display
Green LED
Output data load output
Output name
Load output
Operating voltage range
42 V AC ... 660 V AC
Load current range
150 mA ... 30 A (see to derating)
Rated operating current at AC-51
30 A


Similar Part No. - 2297167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2297109 PHOENIX-2297109 Datasheet
136Kb / 5P
Hybrid motor starter - ELR W3- 24DC/500AC- 2I-BR
logo
TE Connectivity Ltd
2297117-2 TEC-2297117-2 Datasheet
1Mb / 6P
SLIVER INTERNAL CABLED INTERCONNECT SOLUTION
04/2019
logo
PHOENIX CONTACT
2297138 PHOENIX-2297138 Datasheet
112Kb / 4P
ELR 1- 24DC/600AC-20
2297141 PHOENIX-2297141 Datasheet
112Kb / 4P
ELR 1-230AC/600AC-20
2297154 PHOENIX-2297154 Datasheet
69Kb / 5P
Solid-state contactor - ELR 1- 24DC/600AC-30
More results

Similar Description - 2297167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2297138 PHOENIX-2297138 Datasheet
112Kb / 4P
ELR 1- 24DC/600AC-20
2297141 PHOENIX-2297141 Datasheet
112Kb / 4P
ELR 1-230AC/600AC-20
2297154 PHOENIX-2297154 Datasheet
69Kb / 5P
Solid-state contactor - ELR 1- 24DC/600AC-30
2297170 PHOENIX-2297170 Datasheet
114Kb / 4P
ELR 1- 24DC/600AC-50
1032919 PHOENIX-1032919 Datasheet
182Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-20
1032920 PHOENIX-1032920 Datasheet
221Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-20
1032921 PHOENIX-1032921 Datasheet
213Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-30
1032922 PHOENIX-1032922 Datasheet
220Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-30
1032926 PHOENIX-1032926 Datasheet
246Kb / 4P
Solid-state contactor - ELR 1-SC-24DC/600AC-50
1032927 PHOENIX-1032927 Datasheet
237Kb / 4P
Solid-state contactor - ELR 1-SC-230AC/600AC-50
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com