Electronic Components Datasheet Search
  English  ▼

X  

MD1811 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1811
Description  HIGH SPEED QUAD MOSFET DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1811 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1811 Datasheet HTML 1Page - Supertex, Inc MD1811 Datasheet HTML 2Page - Supertex, Inc MD1811 Datasheet HTML 3Page - Supertex, Inc MD1811 Datasheet HTML 4Page - Supertex, Inc MD1811 Datasheet HTML 5Page - Supertex, Inc MD1811 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NR090105
MD1811
V
DD-VSS
Logic supply voltage
4.5
13
V
V
SS
Low side supply voltage
-5.5
0
V
V
H
Output high supply voltage
V
SS+2
V
DD
V
V
L
Output low supply voltage
V
SS
V
DD-2
V
I
DDQ
V
DD quiescent current
0.8
mA
No input transitions, OE = 1
I
HQ
V
H quiescent current
10
µA
I
DD
V
DD average current
8.0
mA
One channel on at 5.0Mhz, No load
I
H
V
H average current
26
mA
V
IH
Input logic voltage high
V
OE-0.3
5
V
For logic inputs INA, INB, INC, and IND
V
IL
Input logic voltage low
0
0.3
V
I
IH
Input logic current high
1.0
µA
I
IL
Input logic current low
1.0
µA
V
IH
OE Input logic voltage high
1.2
5
V
For logic input OE
V
IL
OE Input logic voltage low
0
0.3
V
R
IN
Input logic impedance to GND
12
20
30
K
Ω
C
IN
Logic input capacitance
5
10
pF
R
SINK
Output sink resistance
12.5
Ω
I
SINK = 50mA
R
SOURCE
Output source resistance
12.5
Ω
I
SOURCE = 50mA
I
SINK
Peak output sink current
2.0
A
I
SOURCE
Peak output source current
2.0
A
Outputs (V
H = VDD = 12V, VL = VSS = GND = 0V, VOE = 3.3V, TJ = 25°C)
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Ordering Information
DEVICE
Package Options
16-Lead 4x4x0.9 QFN
MD1811
MD1811K6-G
θ
JA
45°C/W (1oz. 4-layer 3x4inch PCB)
DC Electrical Characteristics (V
H = VDD = 12V, VL = VSS = GND = 0V, VOE = 3.3V, TJ = 25°C)
Sym.
Parameter
Min.
Typ.
Max.
Units
Conditions
Product Marking Information
1ST Line
Device Number
1811
2ND Line
Year, Week Code, Lot Number
YWLL
Example: 5A88 means Lot #88 of first or second week in 2005
Absolute Maximum Ratings*
V
DD-VSS, Logic Supply Voltage
-0.5V to +13.5V
V
H, Output High Supply Voltage
V
L-0.5V to VDD+0.5V
V
L, Output Low Supply Voltage
V
SS-0.5V to VH+0.5V
Vss, Low Side Supply Voltage
-7V to +0.5V
Logic Input Levels
V
SS-0.5V to VSS+7V
Maximum Junction Temperature
+125°C
Storage Temperature
-65°C to 150°C
Soldering Temperature
235°C
Package Power Dissipation
2.2W
Pin 1
1811
YWLL
Top View
-G indicates package is RoHS compliant (‘Green’)
*Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com