Electronic Components Datasheet Search
  English  ▼

X  

WM8802SCFT Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8802SCFT
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFT Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8802SCFT Datasheet HTML 46Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 47Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 48Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 49Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 50Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 51Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 52Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 53Page - Wolfson Microelectronics plc WM8802SCFT Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
50
RERR output setting:
REGISTER ADDRESS
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
1
0
0
1
0
0
CAU
CAL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
CCB address: 0xE8,
Command address: 9
ERWT1
ERWT0
FSERR
RESTA
XTWT1
XTWT0
REDER
RESEL
RESEL
RERR output contents setting
0: PLL lock error or data error (initial value)
1: PLL lock error or data error or non-PCM data
REDER
8 continuous times parity error flag output setting
0: Output during non-PCM data recognition. (initial value)
1: Output only during sub-frame for which error was generated.
XTWT [1:0]
Clock switch wait time setting after PLL unlock
00: Clock switching after approx. 200
µs following oscillation amplifier
start
(initial value)
01: Clock switching after approx. 100
µs following oscillation amplifier
start
10: Clock switching after approx. 50
µs following oscillation amplifier
start
11: Clock switching after approx. 400
µs following oscillation amplifier
start
RESTA
RERR output condition setting
0: Output permanent PLL status (Output PLL status even during XIN
source) (initial status)
1: Forcibly output error (Set High forcibly to RERR)
FSERR
Setting of error flag output condition through fs change
0: Reflect fs changes to error flag. (initial value)
1: Do not reflect fs changes to error flag.
ERWT [1:0]
RERR wait time setting after PLL lock
00: Error release preamble B after 48 counts. (initial value)
01: Error release preamble B after 24 counts.
10: Error release preamble B after 12 counts.
11: Error release preamble B after 6 counts.
Non-PCM data is reflected as data defined by AOSEL and matches the AUDIO pin output.
Output data is muted if an error occurs due to non-PCM data RESEL.
The RESTA setting is not reflected to the data and clock output pins.
When FSERR is set the fs calculation result (when the oscillation amplifier is stopped) is not
reflected. In this case, fs changes reflect only of channel status fs information.
ERWT[0:1] defines the interval after which an RERR error is cancelled (Low) following a PLL lock. Do
not perform this setting if cutting off of the beginning of data is a problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com