Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMCJ
Description  SMCJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMCJ Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMCJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMCJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMCJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMCJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMCJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMCJ Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage
IR
@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage
VC
@ I pp(V)
BI
UNI
Min .V
Max .V
SMCJ5.0CA
SMCJ5.0A
BDE
GDE
5.0
6.40
7.00
10
500
163.0
9.2
SMCJ6.0CA
SMCJ6.0A
BDG
GDG
6.0
6.67
7.37
10
500
145.6
10.3
SMCJ 6.5CA
SMCJ 6.5A
BDK
GDK
6.5
7.22
7.90
10
300
134.0
11.2
SMCJ7.0 CA
SMCJ7.0 A
BDM
GDM
7.0
7.78
8.60
10
200
125.0
12.0
SMCJ 7.5CA
SMCJ 7.5A
BDP
GDP
7.5
8.33
9.21
1
100
116.3
12.9
SMCJ 8.0CA
SMCJ 8.0A
BDR
GDR
8.0
8.89
9.83
1
50
110.3
13.6
SMCJ8.5 CA
SMCJ8.5 A
BDT
GDT
8.5
9.44
10.40
1
20
104.2
14.4
SMCJ9.0 CA
SMCJ9.0 A
BDV
GDV
9.0
10.00
11.10
1
10
97.4
15.4
SMCJ10CA
SMCJ10A
BDX
GDX
10.0
11.10
12.30
1
1
88.3
17.0
SMCJ11CA
SMCJ11A
BDZ
GDZ
11.0
12.20
13.50
1
1
82.5
18.2
SMCJ12CA
SMCJ12A
BEE
GEE
12.0
13.30
14.70
1
1
75.4
19.9
SMCJ13CA
SMCJ13A
BEG
GEG
13.0
14.40
15.90
1
1
69.8
21.5
SMCJ14CA
SMCJ14A
BEK
GEK
14.0
15.60
17.20
1
1
64.7
23.2
SMCJ15CA
SMCJ15A
BEM
GEM
15.0
16.70
18.50
1
1
61.5
24.4
SMCJ16CA
SMCJ16A
BEP
GEP
16.0
17.80
19.70
1
1
57.7
26.0
SMCJ17CA
SMCJ17A
BER
GER
17.0
18.90
20.90
1
1
54.4
27.6
SMCJ18CA
SMCJ18A
BET
GET
18.0
20.00
22.10
1
1
51.4
29.2
SMCJ20CA
SMCJ20A
BEV
GEV
20.0
22.20
24.50
1
1
46.3
32.4
SMCJ22CA
SMCJ22A
BEX
GEX
22.0
24.40
26.90
1
1
42.3
35.5
SMCJ24CA
SMCJ24A
BEZ
GEZ
24.0
26.70
29.50
1
1
38.6
38.9
SMCJ26CA
SMCJ26A
BFE
GFE
26.0
28.90
31.90
1
1
35.7
42.1
SMCJ28CA
SMCJ28A
BFG
GFG
28.0
31.10
34.40
1
1
33.1
45.4
SMCJ30CA
SMCJ30A
BFK
GFK
30.0
33.30
36.80
1
1
31.0
48.4
SMCJ33CA
SMCJ33A
BFM
GFM
33.0
36.70
40.60
1
1
28.2
53.3
SMCJ36CA
SMCJ36A
BFP
GFP
36.0
40.00
44.20
1
1
25.9
58.1
SMCJ40CA
SMCJ40A
BFR
GFR
40.0
44.40
49.10
1
1
23.3
64.5
SMCJ43CA
SMCJ43A
BFT
GFT
43.0
47.80
52.80
1
1
21.7
69.4
SMCJ45CA
SMCJ45A
BFV
GFV
45.0
50.00
55.30
1
1
20.6
72.7
SMCJ48CA
SMCJ48A
BFX
GFX
48.0
53.30
58.90
1
1
19.4
77.4
SMCJ51CA
SMCJ51A
BFZ
GFZ
51.0
56.70
62.70
1
1
18.2
82.4
SMCJ54CA
SMCJ54A
BGE
GGE
54.0
60.00
66.30
1
1
17.3
87.1
SMCJ58CA
SMCJ58A
BGG
GGG
58.0
64.40
71.20
1
1
16.1
93.6
SMCJ60CA
SMCJ60A
BGK
GGK
60.0
66.70
73.70
1
1
15.5
96.8
SMCJ64CA
SMCJ64A
BGM
GGM
64.0
71.10
78.60
1
1
14.6
103.0
SMCJ70CA
SMCJ70A
BGP
GGP
70.0
77.80
86.00
1
1
13.3
113.0
SMCJ75CA
SMCJ75A
BGR
GGR
75.0
83.30
92.10
1
1
12.4
121.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com