Electronic Components Datasheet Search
  English  ▼

X  

SMA6F Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SMA6F
Description  SMA6F85CA Transient Voltage Suppressor Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMA6F Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SMA6F Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMA6F Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMA6F Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMA6F Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMA6F85CA
www.yint.com.cn
Rev:19.3
1
SMA6F85CA Transient Voltage Suppressor Diode
General Information
The SMA6F series is designed to protect voltage sensitive components from
high voltage, high energy transients. They have excellent clamping capability, high
surge capability, low zener impedance and fast response time. The SMA6F series is
supplied in YINT Semiconductor’s exclusive, cost-effective, highly reliable and is
ideally suited for use in communication systems, automotive, numerical controls,
process controls, medical equipment, business machines, power supplies and many
other industrial/consumer Applications.
Features
For surface mounted applications in order to optimize board space.
Polarity: Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
High Temperature soldering:260°C/10 seconds at terminals.
Terminal: Solder plated, solderable per MIL-STD-750,Method 2026.
Applications
TVS devices are ideal for the
protection of I/O Interfaces, VCC bus
and other vulnerable circuits used in
Telecom, Computer, Industrial and
Consumer electronic applications.
Electrical Characteristics (@ TA = 25℃ Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms) (note1 note 2)
PPK
600
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
100
Amps
Steady State Power Dissipation @ TL = 75 °C
PM(AV)
5.0
Watts
Maximum Instantaneous Forward Voltage @ I PP = 50 A
(For Unidirectional Units Only)(note4 note 5)
VF
3.5/5
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
5. VF<3.5V for VBR< 200V and VF <5.0V for VBR> 201V.
Molded plastic
glass passivated junction.


Similar Part No. - SMA6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
logo
Vishay Siliconix
SMA6F100A VISHAY-SMA6F100A Datasheet
132Kb / 6P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
17-Sep-2021
logo
STMicroelectronics
SMA6F100A STMICROELECTRONICS-SMA6F100A Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
logo
Vishay Siliconix
SMA6F10A VISHAY-SMA6F10A Datasheet
101Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
23-Nov-11
SMA6F10A VISHAY-SMA6F10A Datasheet
132Kb / 6P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
17-Sep-2021
More results

Similar Description - SMA6F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1 Datasheet
91Kb / 4P
Transient Voltage Suppressor Diode
January, 2005 ??Rev. 1
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
Transient Voltage Suppressor Diode, 1500W
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com