Electronic Components Datasheet Search
  English  ▼

X  

SM8S Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SM8S
Description  Automotive and High Reliability TVS Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SM8S Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SM8S Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SM8S Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SM8S Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Automotive and High Reliability TVS Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 6600W > SM8S Series
www.yint.com.cn
Rev:19.3
1
SM8S Series
Features
●
Optimized glass passivated chip
●
TJ = 175 °C capability suitable for high reliability and
automotive requirement
●
6600 W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle):0.01 %
●
Meet ISO 7637-2 5a/5b and ISO 16750 load
dump test (varied by test condition)
●
Low leakage
●
Uni-directional polarity
●
Low forward voltage drop
●
Excellent clamping capability
●
Very fast response time
●
AEC-Q101 qualified
●
RoHS compliant
Mechanical Data
●
Case: DO-218AB
●
Epoxy: UL 94V-0 rate flame retardant
●
Polarity: Heatsink is anode
DO-218AB
Maximum Ratings (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform1
PPP
6600
Watts
Peak power dissipation with a 10/10,000μs waveform
PPP
5200
W
Peak pulse current wih a 10/1000μs waveform
Ipp
See Next Table
A
Power dissipation on infinite heatsink at TL = 25 °C1
PD
8
W
Peak forward surge current 8.3 ms single half sine-
IFSM
700
A
Operating junction and storage temperature range
TJ TSTG
-55 to +175
°C
Note:
1.
Non-repetitive current pulse per Fig.2 and derated above TA= 25 °C per Fig.1
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Uni)
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR (Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage IR@
VR(μA)
Maximum
IR @VRWM
TJ=175
(uA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@ I pp (V)
Min .V
Max .V
SM8S18A
18
20.00
22.10
5
10
150
226.0
29.2
SM8S22A
22
24.40
26.90
5
10
150
186.0
35.5
SM8S24A
24
26.70
29.50
5
10
150
170.0
38.9
SM8S26A
26
28.90
31.90
5
10
150
157.0
42.1
SM8S28A
28
31.10
34.40
5
10
150
145.0
45.4
SM8S33A
33
36.70
40.60
5
10
150
124.0
53.3
SM8S36A
36
40.00
44.20
5
10
150
114.0
58.1


Similar Part No. - SM8S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM8S LUGUANG-SM8S Datasheet
6Mb / 3P
Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
SM8S LEIDITECH-SM8S Datasheet
1Mb / 6P
6600W Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SM8S SOCAY-SM8S Datasheet
1Mb / 5P
Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SM8S UNSEMI-SM8S Datasheet
3Mb / 6P
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Pletronics, Inc.
SM8S-7 PLETRONICS-SM8S-7 Datasheet
80Kb / 5P
SM8S Series Low Frequency Crystal
More results

Similar Description - SM8S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS6-058C-SH BOURNS-PTVS6-058C-SH Datasheet
358Kb / 3P
High Current TVS Diodes
logo
STANLEY ELECTRIC CO.,LT...
VCEW1158LDS-3C3K3-TR STANLEY-VCEW1158LDS-3C3K3-TR Datasheet
854Kb / 25P
High reliability(for automotive applications and other high-reliability required applications)
VCHW1154LDSE-3C9L4-TR STANLEY-VCHW1154LDSE-3C9L4-TR Datasheet
878Kb / 25P
High reliability(for automotive applications and other high-reliability required applications)
VCHW1158LDS-3C5A3-TR STANLEY-VCHW1158LDS-3C5A3-TR Datasheet
738Kb / 25P
High reliability(for automotive applications and other high-reliability required applications)
logo
Shanghai Yint Electroni...
5.0SMDJ-H YINT-5.0SMDJ-H Datasheet
915Kb / 5P
Automotive and High Reliability TVS Diodes
SM8SXXCA YINT-SM8SXXCA Datasheet
379Kb / 3P
Automotive and High Reliability TVS Diodes
SMCJ-H YINT-SMCJ-H Datasheet
1Mb / 5P
Automotive and High Reliability TVS Diodes
SMDJ-H YINT-SMDJ-H Datasheet
1Mb / 5P
Automotive and High Reliability TVS Diodes
SMBJ-H YINT-SMBJ-H Datasheet
1Mb / 5P
Automotive and High Reliability TVS Diodes
SMAJ-H YINT-SMAJ-H Datasheet
493Kb / 4P
Automotive and High Reliability TVS Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com