Electronic Components Datasheet Search
  English  ▼

X  

SM5S Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SM5S
Description  Transient Voltage Suppression Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SM5S Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SM5S Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SM5S Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SM5S Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 3600W > SM5S Series
www.yint.com.cn
Rev:19.3
1
SM5S Series
Features
●
Optimized glass passivated chip
●
TJ = 175 °C capability suitable for high reliability and
automotive requirement
●
3600 W peak pulse power capability with a 10/1000 μs
waveform, repetitive rate (duty cycle):0.01 %
●
Meet ISO 7637-2 5a/5b and ISO 16750 load dump test
(varied by test condition)
●
Low leakage current
●
Low forward voltage drop
●
Uni-directional polarity
●
Excellent clamping capability
●
Very fast response time
●
RoHS compliant
Mechanical Data
●
Case: DO-218AB
●
Epoxy: UL 94V-0 rate flame retardant
●
Polarity: Heatsink is anode
DO-218AB
Maximum Ratings (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform1
PPK
3600
Watts
Peak pulse current wih a 10/1000μs waveform
Ipp
See Next Table
A
Power dissipation on infinite heatsink at TL = 25 °C1
PD
5
W
Peak forward surge current 8.3 ms single half sine-
IFSM
500
A
Operating junction and storage temperature range
TJ TSTG
-55 to +175
°C
Note:
1.
Non-repetitive current pulse per Fig.2 and derated above TA= 25 °C per Fig.1
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Uni)
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR (Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage IR@
VR(μA)
Maximum
Peak Pulse
Current I pp
(A)
Maximum
Clamping
Voltage VC
@ I pp (V)
Min .V
Max .V
SM5S18A
18
20.00
22.10
5
10
123
29.2
SM5S20A
20
22.2
24.5
5
10
111
32.4
SM5S22A
22
24.40
26.90
5
10
101
35.5
SM5S24A
24
26.70
29.50
5
10
93
38.9
SM5S26A
26
28.90
31.90
5
10
86
42.1
SM5S28A
28
31.10
34.40
5
10
79
45.4
SM5S30A
30
33.3
36.8
5
10
74
48.4
SM5S33A
33
36.70
40.60
5
10
68
53.3
SM5S36A
36
40.00
44.20
5
10
62
58.1


Similar Part No. - SM5S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
logo
Shanghai Leiditech Elec...
SM5S LEIDITECH-SM5S Datasheet
1Mb / 6P
3600W Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SM5S SOCAY-SM5S Datasheet
1Mb / 5P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Vishay Siliconix
SM5S10 VISHAY-SM5S10 Datasheet
27Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S10 VISHAY-SM5S10 Datasheet
103Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
20-Oct-08
More results

Similar Description - SM5S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
20KPA LITTELFUSE-20KPA Datasheet
131Kb / 5P
Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SMB10J YINT-SMB10J Datasheet
632Kb / 4P
Transient Voltage Suppression Diodes
8KP YINT-8KP Datasheet
675Kb / 4P
Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com