Electronic Components Datasheet Search
  English  ▼

X  

DBM-182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DBM-182
Description  LOW LEVEL SUBVINIATURE FLATPACK DOUBLE BALANCED MIXER 600~2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DBM-182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DBM-182 Datasheet HTML 1Page - List of Unclassifed Manufacturers DBM-182 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - DBM-182

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DBM-183 RFMD-DBM-183 Datasheet
568Kb / 4P
High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results

Similar Description - DBM-182

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-1800H MACOM-EMD40-1800H Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
EMD40-1800L MACOM-EMD40-1800L Datasheet
269Kb / 2P
E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
List of Unclassifed Man...
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
MA4EXP190H-1225 MACOM-MA4EXP190H-1225 Datasheet
104Kb / 4P
Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-156_V4 MA-COM-MD-156_V4 Datasheet
71Kb / 3P
Flatpack Double-Balanced Mixer,
logo
RF Micro Devices
DBM-143 RFMD-DBM-143 Datasheet
347Kb / 4P
Subminiature Flatpack Double Balanced Mixer 10MHz to 1500MHz
DBM-183 RFMD-DBM-183 Datasheet
568Kb / 4P
High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com