Electronic Components Datasheet Search
  English  ▼

X  

EMC1002 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1002
Description  1C Dual SmBus Sensor with Resistance Error Correction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1002 Datasheet HTML 1Page - SMSC Corporation EMC1002 Datasheet HTML 2Page - SMSC Corporation EMC1002 Datasheet HTML 3Page - SMSC Corporation EMC1002 Datasheet HTML 4Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMSC EMC1002
PRODUCT PREVIEW
Revision 1.2 (04-15-05)
Data Brief
PRODUCT FEATURES
EMC1002
1°C Dual SMBus
Sensor with Resistance
Error Correction
General Description
The EMC1002 is an SMBus temperature sensor that
monitors up to two temperature zones and can generate
two system interrupts. With ±1°C measurement
accuracy, the EMC1002 provides a low-cost solution for
critical temperature monitoring applications. Extended
features include automatic resistance error correction
and programmable ideality factor configuration
eliminating both major sources of temperature
measu r emen t erro r. 1 Th e 11 -b it si gma de lta
temperature-to-digital converter provides superb
linearity, excellent noise immunity and repeatable
temperature readings.
The EMC1002 generates two separate interrupts with
programmable thermal trip points. The THERM output
operates as a thermostat with programmable threshold
and hysteresis. The ALERT output can be configured
as a maskable SMBus alert with programmable
window comparator limits, or a second THERM output.
The EMC1002 is pin compatible with the ADT7461,
ADM1032, LM99, and the MAX6649.
Features
■ Resistance Error Correction
■ Ideality Factor Configuration
■ Select 1 of 4 SMBus addresses with external resistor
■ Remote Thermal Zones
—
±1°C Accuracy (40°C to 80°C)
— 0.125
°C resolution
■ Internal Thermal Zone
—
±3°C Accuracy (0°C to 85°C)
■ Maskable Interrupt using ALERT
■ One-shot Command during standby
■ Programmable temperature conversion rate
■ Extended temperature (-64°C to 191°C) available
■ Over-limit filtering with consecutive counter
■ Small 8-lead SOIC or MSOP package; lead-free also
available
Applications
■ Desktop and Notebook Computers
■ Smart batteries
■ Industrial/Automotive
■ Other Electronic Systems
Simplified Block Diagram
1.Patents pending.
EMC1002
Internal
Temp Diode
Switching
Current
SMCLK
Internal Temp
Register
High Limit Registers
THERM Hysteresis Register
Low Limit Registers
THERM Limit Register
Address Pointer Register
Conversion Rate Register
Interrupt Masking
Status Register
Configuration Register
Remote Temp
Register
ALERT
SMDATA
11-bit
delta-sigma
ADC
DP
DN
THERM


Similar Part No. - EMC1002

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1002 SMSC-EMC1002 Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
EMC1002-1-ACZL-TR SMSC-EMC1002-1-ACZL-TR Datasheet
347Kb / 21P
1째C Dual SMBus Sensor
EMC1002-1-ACZT-TR SMSC-EMC1002-1-ACZT-TR Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
EMC1002-2-ACZL-TR SMSC-EMC1002-2-ACZL-TR Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
More results

Similar Description - EMC1002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
logo
SMSC Corporation
EMCT03 SMSC-EMCT03 Datasheet
201Kb / 3P
1C TRIPLE SMBUS TEMPERATURE SENSOR
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
1 C Triple SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023 Datasheet
436Kb / 19P
1째C Triple Temperature Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
1째C Dual SMBus Sensor with Resistance Error Correction
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
1째C Triple SMBus Sensor with Resistance Error Correction
EMC1182 SMSC-EMC1182 Datasheet
565Kb / 48P
Dual Channel 1C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com