Electronic Components Datasheet Search
  English  ▼

X  

BUL147 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUL147
Description  POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL147 Datasheet(HTML) 2 Page - ON Semiconductor

  BUL147 Datasheet HTML 1Page - ON Semiconductor BUL147 Datasheet HTML 2Page - ON Semiconductor BUL147 Datasheet HTML 3Page - ON Semiconductor BUL147 Datasheet HTML 4Page - ON Semiconductor BUL147 Datasheet HTML 5Page - ON Semiconductor BUL147 Datasheet HTML 6Page - ON Semiconductor BUL147 Datasheet HTML 7Page - ON Semiconductor BUL147 Datasheet HTML 8Page - ON Semiconductor BUL147 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BUL147 BUL147F
3–2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
Base–Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.2 Adc)
Base–Emitter Saturation Voltage
(IC = 4.5 Adc, IB = 0.9 Adc)
VBE(sat)
—
—
0.82
0.92
1.1
1.25
Vdc
Collector–Emitter Saturation Voltage
(IC = 2.0 Adc, IB = 0.2 Adc)
(TC = 125°C)
(IC = 4.5 Adc, IB = 0.9 Adc)
(TC = 125°C)
VCE(sat)
—
—
—
—
0.25
0.3
0.35
0.35
0.5
0.5
0.7
0.8
Vdc
DC Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc)
(TC = 125°C)
DC Current Gain
(IC = 4.5 Adc, VCE = 1.0 Vdc)
(TC = 125°C)
DC Current Gain
(IC = 2.0 Adc, VCE = 1.0 Vdc)
(TC = 25°C to 125°C)
DC Current Gain
(IC = 10 mAdc, VCE = 5.0 Vdc)
hFE
14
—
8.0
7.0
10
10
—
30
12
11
18
20
34
—
—
—
—
—
—
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
—
14
—
MHz
Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
100
175
pF
Input Capacitance (VEB = 8.0 V)
Cib
—
1750
2500
pF
Dynamic Saturation Voltage:
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
(see Figure 18)
(IC = 2.0 Adc
IB1 = 200 mAdc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE(dsat)
—
—
3.0
5.5
—
—
Volts
Dynamic Saturation Voltage:
Determined 1.0
µs and
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
(see Figure 18)
IB1 = 200 mAdc
VCC = 300 V)
3.0
µs
(TC = 125°C)
VCE(dsat)
—
—
0.8
1.4
—
—
Volts
3.0
µs respectively after
rising IB1 reaches 90% of
final IB1
(see Figure 18)
(IC = 5.0 Adc
IB1 = 0.9 Adc
VCC = 300 V)
1.0
µs
(TC = 125°C)
VCE(dsat)
—
—
3.3
8.5
—
—
Volts
(see Figure 18)
IB1 = 0.9 Adc
VCC = 300 V)
3.0
µs
(TC = 125°C)
—
—
0.4
1.0
—
—
SWITCHING CHARACTERISTICS: Resistive Load (D.C.
≤ 10%, Pulse Width = 20 µs)
Turn–On Time
(IC = 2.0 Adc, IB1 = 0.2 Adc
IB2 = 1.0 Adc, VCC = 300 V)
(TC = 125°C)
ton
—
—
200
190
350
—
ns
Turn–Off Time
(TC = 125°C)
toff
—
—
1.0
1.6
2.5
—
µs
Turn–On Time
(IC = 4.5 Adc, IB1 = 0.9 Adc
IB1 = 2.25 Adc, VCC = 300 V)
(TC = 125°C)
ton
—
—
85
100
150
—
ns
Turn–Off Time
(TC = 125°C)
toff
—
—
1.5
2.0
2.5
—
µs
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 µH)
Fall Time
(IC = 2.0 Adc, IB1 = 0.2 Adc
IB2 = 1.0 Adc)
(TC = 125°C)
tfi
—
—
100
120
180
—
ns
Storage Time
(TC = 125°C)
tsi
—
—
1.3
1.9
2.5
—
µs
Crossover Time
(TC = 125°C)
tc
—
—
210
230
350
—
ns
Fall Time
(IC = 4.5 Adc, IB1 = 0.9 Adc
IB2 = 2.25 Adc)
(TC = 125°C)
tfi
—
—
80
100
150
—
ns
Storage Time
(TC = 125°C)
tsi
—
—
1.6
2.1
3.2
—
µs
Crossover Time
(TC = 125°C)
tc
—
—
170
200
300
—
ns
Fall Time
(IC = 4.5 Adc, IB1 = 0.9 Adc
IB2 = 0.9 Adc)
(TC = 125°C)
tfi
60
—
—
150
180
—
ns
Storage Time
(TC = 125°C)
tsi
2.6
—
—
4.3
3.8
—
µs
Crossover Time
(TC = 125°C)
tc
—
—
200
330
350
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com