Electronic Components Datasheet Search
  English  ▼

X  

NEOREC35UX Datasheet(PDF) 1 Page - TDK Electronics

Part # NEOREC35UX
Description  Neodymium Magnets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NEOREC35UX Datasheet(HTML) 1 Page - TDK Electronics

  NEOREC35UX Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Neodymium Magnets
1 of 1
Creation Date : July 29, 2019 (GMT)
NEOREC35UX
Series
NEOREC
Material Name
35UX
Feature
General material
Application
Commercial Grade
Industrial equipment
Automotive Grade
Automotive Grade (High temp)
Temperature_Classification 180°C
Status
Production (Not Recommended for New Design)
Magnetic Characteristics
Residual Magnetic Flux Density [Br] / mT
1200 ±30
Coercive Force [Hcb] / (kA / m)
923 ±56
Coercive Force [Hcj] / (kA / m)
2387 Min.
Maximum Energy Product [BH] / (kJ / m³)
271 ±16
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - NEOREC35UX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NEOREC35NX TDK-NEOREC35NX Datasheet
98Kb / 1P
Neodymium Magnets
More results

Similar Description - NEOREC35UX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NEOREC35NX TDK-NEOREC35NX Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC42SH TDK-NEOREC42SH Datasheet
97Kb / 1P
Neodymium Magnets
NEOREC43SX TDK-NEOREC43SX Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC44DUX TDK-NEOREC44DUX Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC44H TDK-NEOREC44H Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC45SH TDK-NEOREC45SH Datasheet
97Kb / 1P
Neodymium Magnets
NEOREC46HF TDK-NEOREC46HF Datasheet
97Kb / 1P
Neodymium Magnets
NEOREC47B TDK-NEOREC47B Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC47HF TDK-NEOREC47HF Datasheet
97Kb / 1P
Neodymium Magnets
NEOREC50BF TDK-NEOREC50BF Datasheet
97Kb / 1P
Neodymium Magnets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com