Electronic Components Datasheet Search
  English  ▼

X  

KMM372C410CS Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KMM372C410CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C410CS Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KMM372C410CS Datasheet HTML 2Page - Samsung semiconductor KMM372C410CS Datasheet HTML 3Page - Samsung semiconductor KMM372C410CS Datasheet HTML 4Page - Samsung semiconductor KMM372C410CS Datasheet HTML 5Page - Samsung semiconductor KMM372C410CS Datasheet HTML 6Page - Samsung semiconductor KMM372C410CS Datasheet HTML 7Page - Samsung semiconductor KMM372C410CS Datasheet HTML 8Page - Samsung semiconductor KMM372C410CS Datasheet HTML 9Page - Samsung semiconductor KMM372C410CS Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DRAM MODULE
KMM372C410CK/CS
KMM372C400CK/CS
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 2TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
≥tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS is not restrictive operating parameter. It included in the
data sheet as electrical characteristic only. If
tWCS
≥tWCS(min)
the cycle is an early write cycle and the data out pin will
remain high impedance for the duration of the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
The timing skew from the DRAM to the DIMM resulted from
the addition of buffers.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com