Electronic Components Datasheet Search
  English  ▼

X  

WM8728 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # WM8728
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM8728 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button WM8728 Datasheet HTML 19Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 20Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 21Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 22Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 23Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 24Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 25Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 26Page - List of Unclassifed Manufacturers WM8728 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
WM8728
Production Data
w
PD, Rev 4.6 August 2008
23
DE-EMPHASIS MODE
Setting the DEEMPH register bit puts the digital filters into de-emphasis mode:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
DAC Control
1
DEEMPH
0
De-emphasis mode select:
0 : De-emphasis Off
1: De-emphasis On
Table 12 De-emphasis Control
POWERDOWN MODE
Setting the PWDN register bit immediately connects all outputs to VMID and selects a low power
mode. All trace of the previous input samples is removed, and all control register settings are
cleared. When PWDN is cleared again the first 16 input samples will be ignored, as the FIR will
repeat it's power-on initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
DAC Control
2
PWDN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
Table 13 Powerdown control
DIGITAL AUDIO INTERFACE CONTROL REGISTERS
The WM8728 has a fully featured digital audio interface that is a superset of that contained in the
WM8716. Interface format is selected via the IWL[2:0] register bits in register M2 and the I2S
register bit in M3.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0010
DAC Control
5:3
IWL[2:0]
000000
Interface format Select
0011
Interface Control
0
I2S
0
Interface format Select
Table 14 Interface Format Controls
IW2
I2S
IW1
IW0
AUDIO INTERFACE DESCRIPTION
(NOTE 1)
0
0
0
0
16 bit right justified mode
0
0
0
1
20 bit right justified mode
0
0
1
0
24 bit right justified mode
0
0
1
1
24 bit left justified mode
0
1
0
0
16 bit I2S mode
0
1
0
1
24 bit I2S mode
0
1
1
0
20 bit I2S mode
0
1
1
1
20 bit left justified mode
1
0
0
0
16 bit DSP mode
1
0
0
1
20 bit DSP mode
1
0
1
0
24 bit DSP mode
1
0
1
1
32 bit DSP mode
1
1
0
0
16 bit left justified mode
Table 15 Audio Data Input Format
Note:
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8728 pads the unused LSBs with
ZEROS. If the DAC is programmed into 32-bit mode, the 8 LSBs are treated as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com