Electronic Components Datasheet Search
  English  ▼

X  

HTS15 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HTS15
Description  Hall closed loop variable range current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HTS15 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HTS15 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall closed loop variable range current sensor
Model:HTS15
Closed loop,basbar built-in, PCB welding type; Change the
connection way of primary busbar can get three variable range.
Technical indicators:
Flame resistance:UL94-V0
Working temperature:-25~+70℃
Storage temperature:-40~+100℃
Bandwidth:DC~150kHz
Dielectric strength:3KV 50Hz 1min
Electrical parameters:
Dimensions( in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Rated input
Input measured range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero offsetTA=25℃
Response time
Weight
I
P
I
PM
V
OUT
X
ε
L
V
C
I
C
R
L
V
OE
T
R
N.W
±5/7.5/15
±48
2.5±0.625
0.5
<
0.1
+5
±10
≥2K
≤±15
<
1
9
A
A
V
%
%
V
mA+Im
Ω
mV
μs
g
Connection Diagram:
IN
OUT
+0
+5V
GND
V
IN
OUT
OUT
2.54
7.62
1.84
4-0.5×0.25
6.5±0.5
3-0.8×0.8
12±0.5
1.8
22.2±0.5
1
6 5 4
2
IN
3
12.7±0.5
2.54
2.54
+0
Front view
Side view
Bottom view
Rated output
(V)
2.5±0.625
2.5±0.625
2.5±0.625
Rated input
(A)
±15
±7.5
±5
connection way
of primary pins
IN
IN
OUT
4
5
6
1
2
3
IN
OUT
4
5
6
1
2
3
OUT
4
5
6
1
2
3
Primary
turns
1
2
3


Similar Part No. - HTS15

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HTS15-3 YHDC-HTS15-3 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
More results

Similar Description - HTS15

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HAX25 YHDC-HAX25 Datasheet
4Mb / 1P
Hall closed loop variable range current sensor
HTS6 YHDC-HTS6 Datasheet
4Mb / 1P
Hall closed loop variable range current sensor
HTS6-3 YHDC-HTS6-3 Datasheet
4Mb / 1P
Hall closed loop variable range current sensor
HTS15-3 YHDC-HTS15-3 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTS25 YHDC-HTS25 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTS25-3 YHDC-HTS25-3 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTSR6 YHDC-HTSR6 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTSR6-3 YHDC-HTSR6-3 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTSR25 YHDC-HTSR25 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
HTSR25-3 YHDC-HTSR25-3 Datasheet
1Mb / 1P
Hall closed loop variable range current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com