Electronic Components Datasheet Search
  English  ▼

X  

KMM372F410CS Datasheet(PDF) 12 Page - Samsung semiconductor

Part # KMM372F410CS
Description  4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F410CS Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button KMM372F410CS Datasheet HTML 8Page - Samsung semiconductor KMM372F410CS Datasheet HTML 9Page - Samsung semiconductor KMM372F410CS Datasheet HTML 10Page - Samsung semiconductor KMM372F410CS Datasheet HTML 11Page - Samsung semiconductor KMM372F410CS Datasheet HTML 12Page - Samsung semiconductor KMM372F410CS Datasheet HTML 13Page - Samsung semiconductor KMM372F410CS Datasheet HTML 14Page - Samsung semiconductor KMM372F410CS Datasheet HTML 15Page - Samsung semiconductor KMM372F410CS Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DRAM MODULE
KMM372F410CK/CS
KMM372F400CK/CS
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR.
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
Undefined
VIH -
VIL -
DQ
tRHCP
tRAD
tRAH
tCAH
tCAH
tASC
tCAH
tASC
VALID
DATA-IN
tDS
¡ó
COLUMN
ADDRESS
COLUMN
ADDRESS
tCAS
tCP
tCAS
tCP
tCAS
tRSH
¡ó
tCSH
tASC
¡ó
¡ó
tWP
tWCS
tWCH
tWP
tWCS
tWCH
tWP
tWCS
tWCH
¡ó
¡ó
¡ó
VALID
DATA-IN
VALID
DATA-IN
¡ó
¡ó
tDH
tDS
tDH
tDS
tDH
tCWL
tCWL
tCWL
tRWL
NOTE : DOUT = OPEN
tHPC
tHPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com