Electronic Components Datasheet Search
  English  ▼

X  

CDB455C3 Datasheet(PDF) 1 Page - Fronter Electronics Co., Ltd.

Part # CDB455C3
Description  DISCRIMINATOR FOR COMMUNICATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.

CDB455C3 Datasheet(HTML) 1 Page - Fronter Electronics Co., Ltd.

  CDB455C3 Datasheet HTML 1Page - Fronter Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FRONTER ELECTRONICS CO.,LTD.
深圳市福浪电子有限公司
通讯设备用陶瓷鉴频器
DISCRIMINATOR FOR COMMUNICATION
CDB455C3/7/9/10/34
CDBM455C4/16
CDBM455C3/7/29
7.0
7.0
0.8
CDB
55C3
x
C16
T
6.0
0.5
3.0
0.15
6.0
3.0
0.15
0.5
C7
T
5.0
0.9
4.2
0.9
4.2
Model
型号
Demodulation
3dB
BandWidth
解调
带宽
3dB
Demodulation
Output
(455KHz)
解调输出
Distortion
Factor
(455KHz)
偏差因素
Resonant
Freq.Fr
谐振频率
Anti-resonant
Freq.Fa
反谐振频率
Resonant
ResistanceRt
谐振电阻
Capacitance
C
电容
CDB455C3
CDB455C7
CDB455C9
CDB455C10
CDB455C34
CDBM455C4
CDBM455C16
CDBM455C3
CDBM455C7
CDBM455C18
CDBM455C29
CDBM455C28
CDBM455C32
±4.0KHzmin
±5.0KHzmin
±4.0KHzmin
±4.0KHzmin
±4.0KHzmin
±3.0KHzmin
±4.0KHzmin
±4.0KHzmin
±4.0KHzmin
34 0 60mV
±
100mV min
6 5 20mV
±
19 0 50mV
±
34 0 60mV
±
18 0 40mV
±
12 5 30mV
±
4 0 20mV
±
4 0 20mV
±
2.5%max
1.5%max
2.5%max
2.0%max
3.0%max
2.0%max
2.5%max
3.0%max
3.0%max
429
2.0KHz
±
45 5
1.5KHz
±
47 0
1.0KHz
±
45 5
1.5KHz
±
4 8
5KHz
±
46KHz min
4 3
2.0KHz
±
4 6
5.0KHz
±
70
max
70
max
300
max
70
max
600pF 20%
±
580pF 20%
±
140pF 20%
±
550pF 20%
±
Impedance Characteristics 阻抗性能
F(Fa-Fr)
Model
型号
ICMaker
集成电路制造商
ICNumber
集成电器型号
Note1
注1
Note2
注2
CDB455C10
CDB455C11
CDB455C12
CDB455C13A
CDB455C16
CDB455C29
CDB455C34
CDB455C28
CDB455C32
Toshiba
Siemeng
Piessy
Sony
Motorola
Signetics
Motorola
Toshiba
Toshiba
*
*
*
*
*
TA8103F
S1469
SL6652
CXA1003BM
MC3372
NE605
MC13136
TA31142
TA31143
Model
型号
ICMaker
集成电路制造商
I C Number
集成电器型号
Note1
注1
Note2
注2
CDB455C3
CDB455C4
CDB455C5
CDB455C7
CDB455C8
CDB455C9
Sony
Sanyo
NEC
Motorola
Phillips
Signetics
CXA1183
LA8610
UPC1167C
MC3357
TDA1576
NE604/5
*
*
*
*
*
*
*
*
*Note1als o availableinminiaturesize
*Note2als o availablein450KHz
*Note3CDB/CDB M partsrequiredifferentexterna l component
CD
*
*
450KHz
B/CDBM
CDB455Series/CDBM455series(for quadraturedetection)
CDB455
/CDBM455
()
也有小型的
也有
元件要求外接不同部件
系列
系列用于正交检波
MATCHED IC 集成电器兼容性
13
Address:Rm1112-1117,11/F.,XinianCenter,NO.6021,ShennanRd.ShenzhenGuangdong 518040,ChinaTel:(86)755-8 3458718Fax:(86)755-83459818E-mail:sales@chinafronter.com
PRINCIPAL PARAMETERS 主要参数
DIMENSIONS(Unit:mm) 外形尺寸


Similar Part No. - CDB455C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
Discriminator for communication
logo
Shoulder Electronics Li...
CDB455C3 SHOULDER-CDB455C3 Datasheet
78Kb / 3P
This specification is applicable to ceramic discriminator CDB455C3 use for communication equipment.
logo
Murata Manufacturing Co...
CDB455C3 MURATA1-CDB455C3 Datasheet
172Kb / 10P
Ceramic Discriminator for Communications Equipment
7.20
CDB455C30 MURATA1-CDB455C30 Datasheet
172Kb / 10P
Ceramic Discriminator for Communications Equipment
7.20
CDB455C32 MURATA1-CDB455C32 Datasheet
172Kb / 10P
Ceramic Discriminator for Communications Equipment
7.20
More results

Similar Description - CDB455C3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
Sync Discriminator for CRT Displays
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
Discriminator for communication
JT4.5MD ETC2-JT4.5MD Datasheet
162Kb / 1P
Discriminator for tv
logo
Oscilent Corporation
660-4.5M OSCILENT-660-4.5M Datasheet
142Kb / 2P
Discriminator
662-10.7M-G1 OSCILENT-662-10.7M-G1 Datasheet
141Kb / 2P
Discriminator
logo
Shenzhen Luguang Electr...
JT107MC1 LUGUANG-JT107MC1 Datasheet
141Kb / 7P
Ceramics discriminator for FM receiver
JT107MG3 LUGUANG-JT107MG3 Datasheet
157Kb / 7P
Ceramics discriminator for FM receiver
logo
Oscilent Corporation
662 OSCILENT-662 Datasheet
141Kb / 2P
Discriminator
logo
Shoulder Electronics Li...
CDB455C3 SHOULDER-CDB455C3 Datasheet
78Kb / 3P
This specification is applicable to ceramic discriminator CDB455C3 use for communication equipment.
logo
Yuechung International ...
YIC-CDBM-CDBC-SERIES YIC-YIC-CDBM-CDBC-SERIES Datasheet
259Kb / 1P
CDBM Series of Ceramic Discriminator for Communication 455KHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com